Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE83C92A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE83C92A
Description  Low-power coaxial Ethernet transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE83C92A Datasheet(HTML) 4 Page - NXP Semiconductors

  NE83C92A Datasheet HTML 1Page - NXP Semiconductors NE83C92A Datasheet HTML 2Page - NXP Semiconductors NE83C92A Datasheet HTML 3Page - NXP Semiconductors NE83C92A Datasheet HTML 4Page - NXP Semiconductors NE83C92A Datasheet HTML 5Page - NXP Semiconductors NE83C92A Datasheet HTML 6Page - NXP Semiconductors NE83C92A Datasheet HTML 7Page - NXP Semiconductors NE83C92A Datasheet HTML 8Page - NXP Semiconductors NE83C92A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
NE83C92
Low-power coaxial Ethernet transceiver
1995 May 1
4
ELECTRICAL CHARACTERISTICS
VEE = –9V ±6%; TA = 0°C to +70°C unless otherwise specified1,2. No external isolation
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVL
Under voltage lockout. Transceiver disabled for
|VEE| < |VUVL|
–7.5
V
IEE
Supply current idle
–15
–20
mA
IEE
Supply current transmitting (without collision)
Without external
pull-down resistors
–70
–85
mA
IRXI
Receive input bias current
VRXI = 0V
–2
+25
µA
ICDS
Cable sense input bias current
VCDS = 0V
+1
+3
µA
VIH
HBE input HIGH voltage
VEE +2.4
V
VIL
HBE input LOW voltage
VEE +1.6
V
IIH
HBE input HIGH current
VHBE = 0V
+10
µA
IIL
HBE input LOW current
VHBE = VEE
–30
µA
ITDC
Transmit output DC current level3
–37
–45
mA
ITAC
Transmit output AC current level3
±28
±ITDC
mA
ITX10
Transmit current
VTXO = –10V
–250
+250
µA
VTCOM
Transmitter output voltage compliance4
–3.7
V
VCD
Collision threshold5
Measured by applying
DC voltage at RXI
(CDS = 0V)
–1450
–1530
–1580
mV
VDIS
AUI disable voltage at RXI
Measured as DC
voltage at RXI
–3.5
V
VOD
Differential output voltage – non idle at RX+ and
CD
±6
±600
±1100
mV
VOB
Differential output voltage imbalance – idle at
RX
± and CD±7
±40
mV
VOC
Output common mode voltage at RX
± and CD±
RXI = 0V
–4.0
–5.5
–7.0
V
VRS
Receiver squelch threshold
VRXI average DC
(CDS = 0V)
–150
–250
–350
mV
VTS
Transmitter squelch threshold
(VTX+ – VTX–) peak
–175
–225
–275
mV
RRXI
Shunt resistance at RXI non–transmitting
100
k
CRXI
Input capacitance at RXI8
1
2
pF
RTXO
Shunt resistance at TXO transmitting
7.5
10
k
RAUIZ
Differential impedance at RX
± and CD± with no
coaxial cable connected
6
k
RTX
Differential impedance at TX
±
20
k
NOTES:
1. Currents flowing into device pins are positive. All voltages are referenced to ground unless otherwise specified. For ease of interpretation,
the parameter limit that appears in the MAX column is the largest value of the parameter, irrespective of sign. Similarly, the value in the MIN
column is the smallest value of the parameter, irrespective of sign.
2. All typicals are for VEE = –9V and TA = 27°C.
3. ITDC is measured as (VMAX + VMIN)/(2 x 25) where VMAX and VMIN are the max and min voltages at TXO with a 25Ω load between TXO and
GND. ITAC is measured as (VMAX – VMIN)/(2 x 25).
4. The TXO pin shall continue to sink at least ITDC min when the idle (no signal) voltage on this pin is –3.7V.
5. Collision threshold for an AC signal is within 5% of VCD.
6. Measured on secondary side of isolation transformer. The transformer has a 1:1 turns ratio with an inductance between 30 and 100
µH at
5MHz.
7. Measured as the voltage difference between the RX pins or the CD pins with the transformer removed.
8. Not 100% tested in production.


Similar Part No. - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE8392 PHILIPS-NE8392 Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CA PHILIPS-NE8392CA Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE8392CN PHILIPS-NE8392CN Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
More results

Similar Description - NE83C92A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE83Q92 PHILIPS-NE83Q92 Datasheet
137Kb / 9P
   Low-power coaxial Ethernet transceiver
1995 May 1
logo
List of Unclassifed Man...
78Q8392L-CP ETC-78Q8392L-CP Datasheet
54Kb / 12P
   Low Power Ethernet Coaxial Transceiver
logo
Teridian Semiconductor ...
78Q8392L TERIDIAN-78Q8392L Datasheet
298Kb / 14P
   Low Power Ethernet Coaxial Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
NE8392C PHILIPS-NE8392C Datasheet
73Kb / 9P
   Coaxial transceiver interface for Ethernet/Thin Ethernet
1995 May 1
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
   Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
TLK1221 TI-TLK1221 Datasheet
854Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVER
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com