Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE567N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE567N
Description  Tone decoder/phase-locked loop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567N Datasheet(HTML) 5 Page - NXP Semiconductors

  NE567N Datasheet HTML 1Page - NXP Semiconductors NE567N Datasheet HTML 2Page - NXP Semiconductors NE567N Datasheet HTML 3Page - NXP Semiconductors NE567N Datasheet HTML 4Page - NXP Semiconductors NE567N Datasheet HTML 5Page - NXP Semiconductors NE567N Datasheet HTML 6Page - NXP Semiconductors NE567N Datasheet HTML 7Page - NXP Semiconductors NE567N Datasheet HTML 8Page - NXP Semiconductors NE567N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
407
TYPICAL PERFORMANCE CHARACTERISTICS
Bandwidth vs Input
Signal Amplitude
Largest Detection bandwidth
vs Operating Frequency
Detection bandwidth as a
Function of C2 and C3
Typical Supply Current vs
Supply Voltage
Greatest Number of Cycles
Before Output
Typical Output Voltage vs
Temperature
Typical Frequency Drift
With Temperature
(Mean and SD)
Typical Frequency Drift
With Temperature
(Mean and SD)
Typical Frequency Drift
With Temperature
(Mean and SD)
300
250
200
150
100
50
0
0
2
4
6
8
10
12
14
16
BANDWIDTH — % OF fO
CENTER FREQUENCY — kHz
15
10
5
0
0.1
1
10
100
1000
BANDWIDTH — % OF fO
0
2
4
6
8
10
12
14
16
106
C3
C2
105
104
103
25
20
15
10
5
0
4
5
6
7
8
9
10
SUPPLY VOLTAGE — V
QUIESCENT
CURRENT
NO LOAD
“ON” CURRENT
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–75
–25
0
25
75
125
TEMPERATURE —
°C
TEMPERATURE —
°C
TEMPERATURE —
°C
+V = 4.75V
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–75
–25
0
25
75
125
+V = 5.75V
5.5
2.5
0
–2.5
–5.0
–7.5
–10
–75
–25
0
25
75
125
(2)
(1)
+V = 7.0V (1)
+V = 9.0V (2)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–75
–25
0
25
75
125
TEMPERATURE —
°C
IL = 100mA
IL = 30mA
1000
500
300
100
50
30
10
BANDWIDTH — % OF fO
1
5
10
50
100
BANDWIDTH LIMITED BY
EXTERNAL RESISTOR
(MINIMUM C2)
BANDWIDTH
LIMITED BY (C2)


Similar Part No. - NE567N

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
NE56787 ASI-NE56787 Datasheet
30Kb / 1P
   NPN SILICON HI FREQUNCY TRANSISTOR
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
[Old version datasheet]   Logic Compatible Output with 100 mA Current Sinking Capability
NE567V TI1-NE567V Datasheet
1Mb / 18P
[Old version datasheet]   Tone Decoder
More results

Similar Description - NE567N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM567 NJRC-NJM567 Datasheet
269Kb / 10P
   TONE DECODER / PHASE LOCKED LOOP
logo
List of Unclassifed Man...
ULN-3809A ETC1-ULN-3809A Datasheet
299Kb / 3P
   PHASE - LOCKED LOOP STEREO DECODER
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com