Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE567N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE567N
Description  Tone decoder/phase-locked loop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE567N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE567N Datasheet HTML 3Page - NXP Semiconductors NE567N Datasheet HTML 4Page - NXP Semiconductors NE567N Datasheet HTML 5Page - NXP Semiconductors NE567N Datasheet HTML 6Page - NXP Semiconductors NE567N Datasheet HTML 7Page - NXP Semiconductors NE567N Datasheet HTML 8Page - NXP Semiconductors NE567N Datasheet HTML 9Page - NXP Semiconductors NE567N Datasheet HTML 10Page - NXP Semiconductors NE567N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE567
Tone decoder/phase-locked loop
April 15, 1992
409
TYPICAL RESPONSE
Response to 100mVRMS Tone Burst
Response to Same Input Tone Burst
With Wideband Noise
INPUT
OUTPUT
OUTPUT
INPUT
NOTES:
NOTE:
RL = 100Ω
S/N = –6dB
Noise Bandwidth = 140Hz
RL = 100Ω
3. The value of C3 is generally non-critical. C3 sets the band edge
of a low-pass filter which attenuates frequencies outside the
detection band to eliminate spurious outputs. If C3 is too small,
frequencies just outside the detection band will switch the output
stage on and off at the beat frequency, or the output may pulse
on and off during the turn-on transient. If C3 is too large, turn-on
and turn-off of the
Figure 1.
INPUT
3
5
6
2
7
1
8
4
+V
+V
OUTPUT
FILTER
LOW
PASS
FILTER
567
R1
RL
R2
C3
C2
C1
f
O +
1
R
1
C
1
output stage will be delayed until the voltage on C3 passes the
threshold voltage. (Such delay may be desirable to avoid spurious
outputs due to transient frequencies.) A typical minimum value for
C3 is 2C2.
4. Optional resistor R2 sets the threshold for the largest “no output”
input voltage. A value of 130k
Ω is used to assure the tested limit
of 10mVRMS min. This resistor can be referenced to ground for
increased sensitivity. The explanation can be found in the
“optional controls” section which follows.
AVAILABLE OUTPUTS (Figure 1)
The primary output is the uncommitted output transistor collector,
Pin 8. When an in-band input signal is present, this transistor
saturates; its collector voltage being less than 1.0 volt (typically
0.6V) at full output current (100mA). The voltage at Pin 2 is the
phase detector output which is a linear function of frequency over
the range of 0.95 to 1.05 fO with a slope of about 20mV per percent
of frequency deviation. The average voltage at Pin 1 is, during lock,
a function of the in-band input amplitude in accordance with the
transfer characteristic given. Pin 5 is the controlled oscillator square
wave output of magnitude (+V -2VBE)≅(+V-1.4V) having a DC
average of +V/2. A 1k
Ω load may be driven from pin 5. Pin 6 is an
exponential triangle of 1VP-P with an average DC level of +V/2. Only
high impedance loads may be
Figure 2. Typical Output Response
THRESHOLD VOLTAGE
VREF
4.0
3.5
3.0
2.5
0
100
200mVrms
IN-BAND
INPUT
VOLTAGE
PIN 1
VOLTAGE
(AVG)
f1 = fO
7%
BW
VCE (SAT) < 1.0V
14%
V+
0
3.9V
3.8V
3.7V
1.1fO
fO
0.9fO
LOW PASS
FILTER
(PIN 2)
OUTPUT
(PIN 8)


Similar Part No. - NE567N

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
NE56787 ASI-NE56787 Datasheet
30Kb / 1P
NPN SILICON HI FREQUNCY TRANSISTOR
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
Logic Compatible Output with 100 mA Current Sinking Capability
NE567V TI1-NE567V Datasheet
1Mb / 18P
Tone Decoder
More results

Similar Description - NE567N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM567 NJRC-NJM567 Datasheet
269Kb / 10P
TONE DECODER / PHASE LOCKED LOOP
logo
List of Unclassifed Man...
ULN-3809A ETC1-ULN-3809A Datasheet
299Kb / 3P
PHASE - LOCKED LOOP STEREO DECODER
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com