Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7530 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7530
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7530_07 Datasheet HTML 1Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
April 2007
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7530 Rev. 1.0.2
FAN7530
Critical Conduction Mode PFC Controller
Features
Low Total Harmonic Distortion (THD)
Precise Adjustable Output Over-Voltage Protection
Open-Feedback Protection and Disable Function
Zero Current Detector
150µs Internal Start-up Timer
MOSFET Over-Current Protection
Under-Voltage Lockout with 3.5V Hysteresis
Low Start-up (40µA) and Operating Current (1.5mA)
Totem Pole Output with High State Clamp
+500/-800mA Peak Gate Drive Current
8-pin DIP or 8-pin SOP
Applications
Adapter
Ballast
LCD TV, CRT TV
SMPS
Related Application Notes
AN-6027 - Design of Power Factor Correction Circuit
Using FAN7530
Description
The FAN7530 is an active power factor correction (PFC)
controller for the boost PFC applications that operates in
critical conduction mode (CRM). It uses the voltage
mode PWM that compares an internal ramp signal with
the error amplifier output to generate MOSFET turn-off
signal. Because the voltage mode CRM PFC controller
does not need the rectified AC line voltage information, it
can save the power loss of the input voltage sensing net-
work necessary for the current mode CRM PFC control-
ler.
FAN7530 provides many protection functions such as
over voltage protection, open-feedback protection, over-
current protection, and under-voltage lockout protection.
The FAN7530 can be disabled if the INV pin voltage is
lower than 0.45V and the operating current decreases to
65µA. Using a new variable on-time control method,
THD is lower than the conventional CRM boost PFC ICs.
Ordering Information
Part Number
Operating Temp.
Range
Pb-Free
Package
Packing Method
Marking
Code
FAN7530N
-40
°C to +125°C
Yes
8-DIP
Rail
FAN7530
FAN7530M
-40
°C to +125°C
Yes
8-SOP
Rail
FAN7530
FAN7530MX
-40
°C to +125°C
Yes
8-SOP
Tape & Reel
FAN7530


Similar Part No. - FAN7530_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530MX FAIRCHILD-FAN7530MX Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530N FAIRCHILD-FAN7530N Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7530_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com