Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7530 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7530
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7530 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7530_07 Datasheet HTML 1Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN7530_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7530 Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. TA = 25°C unless otherwise specified.
Thermal Impedance(1)
Note:
1. Regarding the test environment and PCB type, please refer to JESD51-2 and JESD51-10.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
VZ
V
IOH, IOL
Peak Drive Output Current
+500/-800
mA
Iclamp
Driver Output Clamping Diodes VO>VCC or VO<-0.3V
±10
mA
Idet
Detector Clamping Diodes
±10
mA
VIN
Error Amplifier, MOT, CS Input Voltages
-0.3 to 6
V
Tj
Operating Junction Temperature
150
°C
TA
Operating Temperature Range
-40 to 125
°C
Tstg
Storage Temperature Range
-65 to 150
°C
VESD_HBM
ESD Capability, Human Body Model
2.0
kV
VESD_MM
ESD Capability, Machine Model
300
V
VESD_CDM
ESD Capability, Charged Device Model
500
V
Symbol
Parameter
Value
Unit
R
θja
Thermal Resistance, Junction-to-Ambient
8-DIP
110
°C/W
8-SOP
150
°C/W


Similar Part No. - FAN7530_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530M FAIRCHILD-FAN7530M Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530MX FAIRCHILD-FAN7530MX Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530N FAIRCHILD-FAN7530N Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7530_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com