Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7529 Datasheet(PDF) 15 Page - Fairchild Semiconductor

Part # FAN7529
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7529 Datasheet(HTML) 15 Page - Fairchild Semiconductor

Back Button FAN7529_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 12Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 13Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 14Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 15Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 16Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 17Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 18Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 19Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7529 Rev. 1.0.2
15
2. Inductor Schematic Diagram
Figure 38. Inductor Schematic Diagram
3. Winding Specification
4. Electrical Characteristics
5. Core & Bobbin
Core: EI 3026
Bobbin: EI3026
Ae(mm2): 111
No
Pin (s
→f)
Wire
Turns
Winding Method
Np
5
→ 30.1φ × 30
58
Solenoid Winding
Insulation: Polyester Tape t = 0.050mm, 4 Layers
NVcc
2
→ 40.2φ × 1
8
Solenoid Winding
Outer Insulation: Polyester Tape t = 0.050mm, 4 Layers
Air Gap: 0.6mm for each leg
Pin
Specification
Remarks
Inductance
3 - 5
600µH ± 10%
100kHz, 1V
Np
4
2
NVcc
5
3
FAN7529 Rev. 00


Similar Part No. - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529M FAIRCHILD-FAN7529M Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529MX FAIRCHILD-FAN7529MX Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529N FAIRCHILD-FAN7529N Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com