Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7529 Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part # FAN7529
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7529 Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button FAN7529_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 10Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 12Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 13Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 14Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 15Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 16Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7529 Rev. 1.0.2
13
4. Over-Current Protection Block
The MOSFET current is sensed using an external sens-
ing resistor for the over-current protection. If the CS pin
voltage is higher than 0.8V, the over-current protection
comparator generates a protection signal. An internal RC
filter is included to filter switching noise.
Figure 36. Over-Current Protection Block
5. Switch Drive Block
The FAN7529 contains a single totem-pole output stage
designed for direct drive of the power MOSFET. The
drive output is capable of up to +500/-800mA peak cur-
rent with a typical rise and fall time of 50ns with 1nF load.
The output voltage is clamped to 13V to protect the
MOSFET gate if the VCC voltage is higher than 13V.
6. Under-Voltage Lockout Block
If the VCC voltage reaches 12V, the IC’s internal blocks
are enabled and start operation. If the VCC voltage drops
below 8.5V, most of the internal blocks are disabled to
reduce the operating current. VCC voltage should be
higher than 8.5V under normal conditions.
8pF
40k
CS
Over Current Protection
Comparator
4
0.8V
OCP
Signal
FAN7529 Rev. 00


Similar Part No. - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529M FAIRCHILD-FAN7529M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529MX FAIRCHILD-FAN7529MX Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529N FAIRCHILD-FAN7529N Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com