Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7529 Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FAN7529
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7529 Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FAN7529_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 10Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 12Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 13Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 14Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 15Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 16Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7529 Rev. 1.0.2
12
Applications Information
1. Error Amplifier Block
The error amplifier block consists of a transconductance
amplifier, output OVP comparator, and disable compara-
tor. For the output voltage control, a transconductance
amplifier is used instead of the conventional voltage
amplifier. The transconductance amplifier (voltage con-
trolled current source) aids the implementation of OVP
and disable function. The output current of the amplifier
changes according to the voltage difference of the invert-
ing and non-inverting input of the amplifier. The output
voltage of the amplifier is compared with the internal
ramp signal to generate the switch turn-off signal. The
OVP comparator shuts down the output drive block when
the voltage of the INV pin is higher than 2.675V and
there is 0.175V hysteresis. The disable comparator dis-
ables the operation of the FAN7529 when the voltage of
the inverting input is lower than 0.45V and there is
100mV hysteresis. An external small signal MOSFET
can be used to disable the IC, as shown in Figure 33.
The IC operating current decreases below 65µA to
reduce power consumption if the IC is disabled.
Figure 33. Error Amplifier Block
2. Zero Current Detection Block
The zero current detector (ZCD) generates the turn-on
signal of the MOSFET when the boost inductor current
reaches zero using an auxiliary winding coupled with the
inductor. If the voltage of the ZCD pin goes higher than
1.5V, the ZCD comparator waits until the voltage goes
below 1.4V. If the voltage goes below 1.4V, the zero cur-
rent detector turns on the MOSFET. The ZCD pin is pro-
tected internally by two clamps, 6.7V-high clamp and
0.65V-low clamp. The 150µs timer generates a MOSFET
turn-on signal if the drive output has been low for more
than 150µs from the falling edge of the drive output.
Figure 34. Zero Current Detector Block
3. Sawtooth Generator Block
The output of the error amplifier and the output of the
sawtooth generator are compared to determine the
MOSFET turn-off instance. The slope of the sawtooth is
determined by an external resistor connected to the
MOT pin. The voltage of the MOT pin is 2.9V and the
slope is proportional to the current flowing out of the
MOT pin. The internal ramp signal has a 1V offset; there-
fore, the drive output is shut down if the voltage of the
COMP pin is lower than 1V. The MOSFET on-time is
maximum when the COMP pin voltage is 5V. According
to the slope of the internal ramp, the maximum on-time
can be programmed. The necessary maximum on-time
depends on the boost inductor, lowest AC line voltage,
and maximum output power. The resistor value should
be designed properly.
Figure 35. Sawtooth Generator Block
INV
Error Amp
OVP
COMP
2.675V
2.5V
2
1
Gm
0.45V
0.35V
Disable
V
out
V
ref1 (2.5V)
Disable
Signal
FAN7529 Rev. 00
Timer
ZCD
6.7V
Zero Current
Detector
R
S
Q
5
1.5V
1.4V
V
in
R
ZCD
150
μs
Turn-on
Signal
FAN7529 Rev. 00
1V Offset
MOT
3
Error Amp
Output
Off Signal
2.9V
Saw Tooth
Generator
FAN7529 Rev. 00


Similar Part No. - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529M FAIRCHILD-FAN7529M Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529MX FAIRCHILD-FAN7529MX Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529N FAIRCHILD-FAN7529N Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com