Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7529 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN7529
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7529 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN7529_07 Datasheet HTML 2Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 3Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7529 Rev. 1.0.2
6
Electrical Characteristics (Continued)
VCC = 14V and TA = -40°C~125°C unless otherwise specified.
Note:
3. These parameters, although guaranteed by design, are not tested in production.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ZERO CURRENT DETECT SECTION
Vth(ZCD)
Input Voltage Threshold(3)
1.35
1.50
1.65
V
HY(ZCD)
Detect Hysteresis(3)
0.05
0.10
0.15
V
Vclamp(H)
Input High Clamp Voltage
Idet = 3mA
6.0
6.7
7.4
V
Vclamp(L)
Input Low Clamp Voltage
Idet = -3mA
0
0.65
1.00
V
Ib(ZCD)
Input Bias Current
VZCD = 1V ~ 5V
-1.0
-0.1
1.0
µA
Isource(zcd) Source Current Capability
(3)
TA = 25°C-10
mA
Isink(zcd)
Sink Current Capability(3)
TA = 25°C10
mA
tdead
Maximum Delay from ZCD to Output
Turn-on(3)
dV/dt = -1V/100ns,
from 5V to 0V
100
200
ns
OUTPUT SECTION
VOH
Output Voltage High
IO = -100mA, TA = 25°C
9.2
11.0
12.8
V
VOL
Output Voltage Low
IO = 200mA, TA = 25°C1.0
2.5
V
tr
Rising Time(3)
Cl = 1nF
50
100
ns
tf
Falling Time(3)
Cl = 1nF
50
100
ns
VO(max)
Maximum Output Voltage
VCC = 20V, IO = 100μA
11.5
13.0
14.5
V
VO(UVLO)
Output Voltage with UVLO Activated
VCC = 5V, IO = 100μA1
V
RESTART TIMER SECTION
td(rst)
Restart Timer Delay
50
150
300
µs
OVER-VOLTAGE PROTECTION SECTION
Vovp
OVP Threshold Voltage
TA = 25°C
2.620
2.675
2.730
V
HY(ovp)
OVP Hysteresis
TA = 25°C
0.120
0.175
0.230
V
ENABLE SECTION
Vth(en)
Enable Threshold Voltage
0.40
0.45
0.50
V
HY(en)
Enable Hysteresis
0.05
0.10
0.15
V


Similar Part No. - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529M FAIRCHILD-FAN7529M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529MX FAIRCHILD-FAN7529MX Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529N FAIRCHILD-FAN7529N Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com