Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS11_N-50-5-301003 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # LIS11_N-50-5-301003
Description  COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

LIS11_N-50-5-301003 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  LIS11_N-50-5-301003 Datasheet HTML 1Page - Huber+Suhner, Inc. LIS11_N-50-5-301003 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-5-301/003_-
Properties
• Screwed coupling
mechanism for sturdy and
reliable connection
• IP rating (inte ace,
mated) IP67
• Inte ace dimensions
according IEC/MIL
Product configuration
Inte ace type
Gender
Standard
N
plug
IEC 61169-16_MIL-STD-348A/304_CECC 22210
Inte ace and material data
Piece parts
Material
Plating
Centre contact
Brass
Silver Plating
Outer conductor
Brass
Silver Plating
Body
Brass
Silver Plating
Insulator
PTFE (Polytetrafluoroethylene)
Coupling nut
Brass
SUCOPLATE (R) Plating
Electrical data
Impedance
50
Inte ace frequency
11 GHz
Electrical Data (frequency related)
Frequency range
Return loss
VSWR
0 GHz ... 1 GHz
37 dB
1.03
1 GHz ... 2.2 GHz
34 dB
1.04
2.2 GHz ... 5 GHz
22 dB
1.17
Mechanical data
Weight
0.023 kg
Mating cycles
500
Cable entry centre contact
soldered
Cable entry outer contact
soldered
hubersuhner.com


Similar Part No. - LIS11_N-50-5-301003

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LIS11_N-50-12-301003 HUBERSUHNER-LIS11_N-50-12-301003 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-7-301003-I HUBERSUHNER-LIS11_N-50-7-301003-I Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-9-301003 HUBERSUHNER-LIS11_N-50-9-301003 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
More results

Similar Description - LIS11_N-50-5-301003

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_N-50-2-15113_U HUBERSUHNER-11_N-50-2-15113_U Datasheet
441Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-2-5133_N HUBERSUHNER-11_N-50-2-5133_N Datasheet
214Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-3-64133_N HUBERSUHNER-11_N-50-3-64133_N Datasheet
216Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-7-43133_N HUBERSUHNER-11_N-50-7-43133_N Datasheet
459Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
SF_11_N-457 HUBERSUHNER-SF_11_N-457 Datasheet
1Mb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
SF_11_N-451 HUBERSUHNER-SF_11_N-451 Datasheet
2Mb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-4-160133_U HUBERSUHNER-11_N-50-4-160133_U Datasheet
726Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-9-12033 HUBERSUHNER-11_N-50-9-12033 Datasheet
216Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-9-301003 HUBERSUHNER-LIS11_N-50-9-301003 Datasheet
133Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
SF_11_N-453 HUBERSUHNER-SF_11_N-453 Datasheet
2Mb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com