Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS11_N-50-5-301003 Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # LIS11_N-50-5-301003
Description  COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

LIS11_N-50-5-301003 Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  LIS11_N-50-5-301003 Datasheet HTML 1Page - Huber+Suhner, Inc. LIS11_N-50-5-301003 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-5-301/003_-
Environmental data
Operation temperature
-65 °C ... 165°C
Ingress protection (IP Rating)
Mated / IP68
Ordering Information Table
Item number
Item description
Packaging type
84017656
LIS11_N-50-5-301/003_-I
Reuseable
Suitable cables
Cable group
M5 - 5 mm / 50 Ohm
Suitable cables
SUCOFEED_1/4_HF_FR
SUCOFEED_1/4_HF
Additional Information
Only as assembly
Yes
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P1016 / Date of publication: 25.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - LIS11_N-50-5-301003

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LIS11_N-50-12-301003 HUBERSUHNER-LIS11_N-50-12-301003 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-7-301003-I HUBERSUHNER-LIS11_N-50-7-301003-I Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-9-301003 HUBERSUHNER-LIS11_N-50-9-301003 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
More results

Similar Description - LIS11_N-50-5-301003

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
11_N-50-2-15113_U HUBERSUHNER-11_N-50-2-15113_U Datasheet
441Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-2-5133_N HUBERSUHNER-11_N-50-2-5133_N Datasheet
214Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-3-64133_N HUBERSUHNER-11_N-50-3-64133_N Datasheet
216Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-7-43133_N HUBERSUHNER-11_N-50-7-43133_N Datasheet
459Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
SF_11_N-457 HUBERSUHNER-SF_11_N-457 Datasheet
1Mb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-4-160133_U HUBERSUHNER-11_N-50-4-160133_U Datasheet
726Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
11_N-50-9-12033 HUBERSUHNER-11_N-50-9-12033 Datasheet
216Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
LIS11_N-50-9-301003 HUBERSUHNER-LIS11_N-50-9-301003 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
SF_11_N-451 HUBERSUHNER-SF_11_N-451 Datasheet
2Mb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
SF_11_N-453 HUBERSUHNER-SF_11_N-453 Datasheet
2Mb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com