Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors NE5560N Datasheet HTML 10Page - NXP Semiconductors NE5560N Datasheet HTML 11Page - NXP Semiconductors NE5560N Datasheet HTML 12Page - NXP Semiconductors NE5560N Datasheet HTML 13Page - NXP Semiconductors NE5560N Datasheet HTML 14Page - NXP Semiconductors NE5560N Datasheet HTML 15Page - NXP Semiconductors NE5560N Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
14
that it does not saturate, even under transient conditions, where the
max. inductance is determined by
δMAX×VIN max. A regulation of
δMAX~1/VIN will allow for a considerable reduction or simplification of
the transformer. The function of
δ~1/VIN can be realized by using
Pin 16 of the NE5560.
ON
ON
ON
T
T
T
δ1
δ1
δ2
δ2
δ3
δ3
(50)
SL00378
Figure 19. Output Stage Inhibit
Figure 20 shows the electrical realization. When the voltage at Pin
16 exceeds the stabilized voltage VZ (Pin 2), it will increase the
charging current for the timing capacitor on Pin 8.
The operating frequency is not affected, because the upper trip level
for sawtooth increases also. Note that the
δMAX voltage on Pin 6
remains constant because it is set via VZ. Figure 21 visualizes the
effect on
δMAX and the normal operating duty cycle δ. For V16=2×VZ,
these duty cycles have halved. The graph for
δ=f(V16) is given in
Figure 22.
NOTE:
V16 must be less than Pin 1 voltage.
APPLICATIONS
NE/SE5560 Push-Pull Regulator
This application describes the use of the Philips Semiconductors
NE/SE5560 adapted to function as a push-pull switched mode
regulator, as shown in Figures 23 and 24.
Input voltage range is +12V to +18V for a nominal output of +30V
and -30V at a maximum load current of 1A with an average
efficiency of 81%.
Features include feed-forward input compensation, cycle-to-cycle
drive current protection and other voltage sensing, line (to positive
output) regulation <1% for an input range of +13V to +18V and load
regulation to positive output of <3% for
∆IL(+) of 0.1 to 1A.
The main pulse-width modulator operates to 48kHz with power
switching at 24kHz.
FEED-FORWARD
16
2
6
7
8
DO NOT EXCEED VCC
CSS
R1
R2
RT
CT
δMAX
INPUT
SL00379
Figure 20. External
δ Maximum Control
WORKING
δ LEVEL
δMAX
LEVEL
d
MAX
1
d
MAX
2
VZ
V16
2XVZ
T
T
SL00380
Figure 21. Feed-Forward Circuitry
100
90
80
70
60
50
40
30
20
10
1
1.5
2
2.5
V
16
V
Z
δ
SL00381
Figure 22. Feed-Forward Regulation


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com