Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors NE5560N Datasheet HTML 10Page - NXP Semiconductors NE5560N Datasheet HTML 11Page - NXP Semiconductors NE5560N Datasheet HTML 12Page - NXP Semiconductors NE5560N Datasheet HTML 13Page - NXP Semiconductors NE5560N Datasheet HTML 14Page - NXP Semiconductors NE5560N Datasheet HTML 15Page - NXP Semiconductors NE5560N Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
13
δ INCREASES
V6
V15
SET
RESET
CHARGE
.6V
5.6V
SAWTOOTH
1.1V
DISCHARGE
DEAD
TIME
SL00376
Figure 17. Start-Stop Circuit
Remote On/Off Circuit (Pin 10)
In systems where two or more power supplies are used, it is often
necessary to switch these supplies on and off in a sequential way.
Furthermore, there are many applications in which a supply must be
switched by a logical signal. This can be done via the
TTL-compatible remote on/off input on Pin 10. The output pulse is
inhibited for levels below 0.8V. The output of the IC is no longer
blocked when the remote on/off input is left floating or when a
voltage >2V is applied. Start-up occurs via the slow-start circuit.
The Output Stage
The output stage of the NE5560 contains a flip-flop, a push-pull
driven output transistor, and a gate, as indicated in Figure 18. The
flip-flop is set by the flyback of the sawtooth. Resetting occurs by a
signal either from the PWM or the current limit circuit. With this
configuration, it is assured that the output is switched only once per
period, thus prohibiting double pulsing. The collector and emitter of
the output transistor are connected to respectively Pin 15 and Pin
14, allowing for normal or inverted output pulses. An
internally-grounded emitter would cause intolerable voltage spikes
over the bonding wire, especially at high output currents.
This current capability of the output transistor is 40mA peak for VCE
≅ 0.4V. An internal clamping diode to the supply voltage protects the
collector against overvoltages. The max. voltage at the emitter (Pin
14) must not exceed +5V. A gate, activated by one of the set or
reset pulses, or by a command from the start-stop circuit will
immediately switch-off the output transistor by short-circuiting its
base. The external inhibitor (Pin 13) operates also via this base.
Demagnetization Sense
As indicated in Figure 18, the output of this NPN comparator will
block the output pulse, when a voltage above 0.6V is applied to Pin
13. A specific application for this function is to prevent saturation of
forward-converter transformers. This is indicated in Figure 19.
Feed-Forward (Pin 16)
The basic formula for a forward converter is
V
OUT +
dVIN
n
(n
+ transformer ratio)
This means that in order to keep VOUT at a constant value, the duty
cycle
δ must be made inversely proportional to the input voltage. A
pre-regulation (feed-forward) with the function
δ~1/VIN can ease the
feedback-loop design.
“I” “I” “n”
NOTES:
The signal V13 can be derived from the demagnetizing winding in
a forward converter as shown below.
FLYBACK
SET
RESET
FROM START STOP
0.6V
13
14
15
+
VZ
VZ
V1
B
H
P1
P2
S1
+
SL00377
Figure 18. Output Stage
This loop now only has to regulate for load variations which require
only a low feedback gain in the normal operation area. The
transformer of a forward converter must be designed in such a way


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com