Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors NE5560N Datasheet HTML 10Page - NXP Semiconductors NE5560N Datasheet HTML 11Page - NXP Semiconductors NE5560N Datasheet HTML 12Page - NXP Semiconductors NE5560N Datasheet HTML 13Page - NXP Semiconductors NE5560N Datasheet HTML 14Page - NXP Semiconductors NE5560N Datasheet HTML 15Page - NXP Semiconductors NE5560N Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
12
V11 (CURRENT LIMITING)
NORMAL OPERATING
POINT
LEVEL 1 LEVEL 2
.48
.60 (V)
OC1
OC2
SL00374
Figure 15. Output Characteristics
Dynamic Current Limit and Current Protection
(Pin 11)
In many applications, it is not necessary to have a real
constant-current output of the SMPS.
Protection of the power transistor will be the prime goal. This can be
realized with the NE5560 in an economical way. A resistor (or a
current transformer) in the emitter of the power transistor gives a
replica of the collector current. This signal must be connected to Pin
11. As can be seen in Figure 14, this input has two comparators with
different reference levels. The output of the comparator with the
lower 0.48V reference is connected to the same gate as the output
of the PWM.
When activated, it will immediately reset the output flip-flop, so
reducing the duty cycle. The effectiveness of this cycle-by-cycle
current limit diminishes at low duty cycle values. When
δ becomes
very small, the storage time of the power transistor becomes
dominant. The current will now increase again, until it surpasses the
reference of the second comparator. The output of this comparator
activates the start-stop circuit and causes an immediate inhibit of the
output pulses. After a certain deadtime, the circuit starts again with
very narrow output pulses. The effect of this two-level current
protection circuit is visualized in Figure 15.
The Start-Stop Circuit
The function of this protection circuit is to stop the output pulses as
soon as a fault occurs and to keep the output stopped for several
periods. After this dead-time, the output starts with a very small,
gradually increasing duty cycle. When the fault is persistent, this will
cause a cyclic switch-off/switch-on condition. This “hiccup” mode
effectively limits the energy during fault conditions. The realization
and the working of the circuit are indicated in Figures 12 and 13.
The dead time and the soft-start are determined by an external
capacitor that is connected to Pin 6 (
δMAX setting).
An RS flip-flop can be set by three different functions:
1. Remote on/off on Pin 10.
2. Overcurrent protection on Pin 11.
3. Low supply voltage protection (internal).
As soon as one of these functions cause a setting of the flip-flop, the
output pulses are blocked via the output gate. In the same time
transistor Q1 is forward-biased, resulting in a discharge of the
capacitor on Pin 6.
The discharging current is limited by an internal 150
Ω resistor in the
emitter of Q1. The voltage at Pin 6 decreases to below the lower
level of the sawtooth. When V6 has dropped to 0.6V, this will
activate a comparator and the flip-flop is reset. The output stage is
no longer blocked and Q1 is cut off. Now VZ will charge the
capacitor via R1 to the normal
δMAX voltage. The output starts
delivering very narrow pulses as soon as V6 exceeds the lower
sawtooth level. The duty cycle of the output pulse now gradually
increases to a value determined by the feedback on Pin 3, or by the
static
δMAX setting on Pin 6.
15
14
2
6
12
11
10
LATCH
START/
STOP
SET
RESET
0.6V
0.48V
0.6V
LOW SUPPLY
VOLTAGE
PROTECTION
100
R1
R2
CSS
Q1
Q2
PWM
VZ
SL00375
Figure 16. Start-Stop Circuit


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com