Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NE5560N Datasheet HTML 4Page - NXP Semiconductors NE5560N Datasheet HTML 5Page - NXP Semiconductors NE5560N Datasheet HTML 6Page - NXP Semiconductors NE5560N Datasheet HTML 7Page - NXP Semiconductors NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors NE5560N Datasheet HTML 10Page - NXP Semiconductors NE5560N Datasheet HTML 11Page - NXP Semiconductors NE5560N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
8
The current consumption at 12V is less than 10mA, provided that no
current is drawn from VZ and R(7-12)≥20kΩ.
The Sawtooth Generator
Figure 6 shows the principal circuitry of the oscillator. A resistor
between Pin 7 and Pin 12 (GND) determines the constant current
that charges the timing capacitor C(8-12).
This causes a linear increasing voltage on Pin 8 until the upper level
of 5.6V is reached. Comparator H sets the RS flip-flop and Q1
discharges C(8-12) down to 1.1V, where comparator L resets the
flip-flop. During this flyback time, Q2 inhibits the output.
Synchronization at a frequency lower than the free-running
frequency is accomplished via the TTL gate on Pin 9. By activating
this gate (V9<2V), the setting of the sawtooth is prevented. This is
indicated in Figure 7.
Figure 8 shows a typical plot of the oscillator frequency against the
timing capacitor. The frequency range of the NE5560 goes from
<50Hz up to >100kHz.
Reference Voltage Source
The internal reference voltage source is based on the bandgap
voltage of silicon. Good design practice assures a temperature
dependency typically
±100ppm/°C. The reference voltage is
connected to the positive input of the error amplifier and has a
typical value of 3.72V.
Error Amplifier Compensation
For closed-loop gains less than 40dB, it is necessary to add a
simple compensation capacitor as shown in Figures 8 and 9.
Error Amplifier with Loop-Fault Protection Circuits
This operational amplifier is of a generally used concept and has an
open-loop gain of typically 60dB. As can be seen in Figure 9, the
inverting input is connected to Pin 3 for a feedback information
proportional to VO.
The output goes to the PWM circuit, but is also connected to Pin 4,
so that the required gain can be set with RS and R(3-4). This is
indicated in Figure 9, showing the relative change of the feedback
voltage as a function of the duty cycle. Additionally, Pin 4 can be
used for phase shift networks that improve the loop stability.
When the SMPS feedback loop is interrupted, the error amplifier
would settle in the middle of its active region because of the
feedback via R(3-4). This would result in a large duty cycle. A current
source on Pin 3 prevents this by pushing the input voltage high via
the voltage drop over R(3-4). As a result, the duty cycle will become
zero, provided that R(3-4)>100k. When the feedback loop is
short-circuited, the duty cycle would jump to the adjusted maximum
duty cycle. Therefore, an additional comparator is active for
feedback voltages at Pin 3 below 0.6V. Now an internal resistor of
typically 1k is shunted to the impedance on the
δMAX setting Pin 6.
Depending on this impedance,
δ will be reduced to a value δ0. This
will be discussed further.
The Pulse-Width Modulator
The function of the PWM circuit is to translate a feedback voltage
into a periodical pulse of which the duty cycle depends on that
feedback voltage. As can be seen in Figure 10, the PWM circuit in
the NE5560 is a long-tailed pair in which the sawtooth on Pin 8 is
compared with the LOWEST voltage on either Pin 4 (error amplifier),
Pin 5, or Pin 6 (
δMAX and slow-start). The transfer graph is given in
Figure 11. The output of the PWM causes the resetting of the output
bi-stable.
Limitation of the Maximum Duty Cycle
With Pins 5 and 6 not connected and with a rather low feedback
voltage on Pin 3, the NE5560 will deliver output pulses with a duty
cycle of
≈ 95%. In many SMPS applications, however, this high δ will
cause problems. Especially in forward converters, where the
transformer will saturate when
δ exceeds 50%, a limitation of the
maximum duty cycle is a must.
A DC voltage applied to Pin 6 (PWM input) will set
δMAX at a value
in accordance with Figure 11. For low tolerances of
δMAX, this
voltage on Pin 6 should be set with a resistor divider from VZ (Pin 2).
The upper and lower sawtooth levels are also set by means of an
internal resistor divider from VZ, so forming a bridge configuration
with the
δMAX setting is low because tolerances in VZ are
compensated and the sawtooth levels are determined by internal
resistor matching rather than by absolute resistor tolerance. Figure
12 can be used for determining the tap on the bleeder for a certain
δMAX setting.
As already mentioned, Figure 13 gives a graphical representation of
this. The value
δo is limited to the lower and the higher side;
It must be large enough to ensure that at maximum load and mini-
mum input voltage the resulting feedback voltage on Pin 3
exceeds 0.6V.
It must be small enough to limit the amount of energy in the SMPS
when a loop fault occurs. In practice, a value of 10-15% will be a
good compromise.
SET
RESET
7
8
1.1V
5.6V
N
L
+
+
Q1
Q2
TO OUTPUT LATCH
TO PWM
9 SYN
VZ
RT
CT
SL00365
Figure 6. Sawtooth Generator


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
Integrated Circuit Switched Mode Power Supply Control
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
Integrated Circuit Switched-Mode Power Supply Controller
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
Switched-mode power supply control circuit
1994 Aug 31
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
Switched-mode power supply control circuit
1994 Aug 31
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
Switched-mode power supply controller
1994 Aug 31
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
Control circuit for switched mode power supplies
November 1993
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
Control circuit for switched-mode power supply
August 1982
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
Switched Mode Power Supply IC
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com