Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE5560N Datasheet HTML 3Page - NXP Semiconductors NE5560N Datasheet HTML 4Page - NXP Semiconductors NE5560N Datasheet HTML 5Page - NXP Semiconductors NE5560N Datasheet HTML 6Page - NXP Semiconductors NE5560N Datasheet HTML 7Page - NXP Semiconductors NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors NE5560N Datasheet HTML 10Page - NXP Semiconductors NE5560N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
1000
100
90
80
70
60
50
40
30
20
10
9
8
7
6
5
4
3
2
1
R=10k
R=20k
R=40k
R=5k
2
2.5
3
3.5
4
4.5
CnF)
f(kHz)
Typical Frequency Plot vs RT and
CT
100
90
80
70
60
50
40
30
20
10
1
1.5
2
2.5
V
16
V
Z
δ
SL00364
Figure 5. Typical Performance Characteristics
THEORY OF OPERATION
The following functions are incorporated:
– A temperature-compensated reference source.
– An error amplifier with Pin 3 as input. The output is connected
to Pin 4 so that the gain is adjustable with external resistors.
– A sawtooth generator with a TTL-compatible synchronization
input (Pins 7, 8, 9).
– A pulse-width modulator with a duty cycle range from 0 to 95%.
The PWM has two additional inputs:
Pin 6 can be used for a precise setting of
δMAX
Pin 5 gives a direct access to the modulator, allowing for real
constant-current operation:
– A gate at the output of the PWM provides a simple dynamic
current limit.
– A latch that is set by the flyback of the sawtooth and reset by
the output pulse of the above mentioned gate prohibits double
pulsing.
– Another latch functions as a start-stop circuit; it provides a fast
switch-off and a slow start.
– A current protection circuit that operates via the start-stop
circuit. This is a combined function with the current limit circuit,
therefore Pin 11 has two trip-on levels; the lower one for
cycle-by-cycle current limiting, the upper one for current
protection by means of switch-off and slow-start.
– A TTL-compatible remote on/off input at Pin 10, also operating
via the start-stop circuit.
– An inhibit input at Pin 13. The output pulse can be inhibited
immediately.
– An output gate that is commanded by the latches and the inhibit
circuit.
– An output transistor of which both the collector (Pin 15) and the
emitter (Pin 14) are externally available. This allows for normal
or inverse output pulses.
– A power supply that can be either voltage- or current-driven
(Pins 1 and 12). The internally-generated stabilized output
voltage VZ is connected to Pin 2.
– A special function is the so-called feed-forward at Pin 16. The
amplitude of the sawtooth generator is modulated in such a way
that the duty cycle becomes inversely proportional to the
voltage on this pin:
δ ~ 1/V16.
– Loop fault protection circuits assure that the duty cycle is
reduced to zero or a low value for open- or short-circuited
feedback loops.
Stabilized Power Supply (Pins 1, 2, 12)
The power supply of the NE5560 is of the well known series
regulation type and provides a stabilized output voltage of typically
8.5V.
This voltage VZ is also present at Pin 2 and can be used for precise
setting of
δMAX and to supply external circuitry. Its max. current
capability is 5mA.
The circuit can be fed directly from a DC voltage source between
10.5V and 18V or can be current-driven via a limiting resistor. In the
latter case, internal pinch-off resistors will limit the maximum supply
voltage: typical 23V for 10mA and max. 30V for 30mA.
The low supply voltage protection is active when V(1-12) is below
10.5V and inhibits the output pulse (no hysteresis).
When the supply voltage surpasses the 10.5V level, the IC starts
delivering output pulses via the slow-start function.


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com