Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5560N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE5560N
Description  Switched-mode power supply control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5560N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE5560N Datasheet HTML 2Page - NXP Semiconductors NE5560N Datasheet HTML 3Page - NXP Semiconductors NE5560N Datasheet HTML 4Page - NXP Semiconductors NE5560N Datasheet HTML 5Page - NXP Semiconductors NE5560N Datasheet HTML 6Page - NXP Semiconductors NE5560N Datasheet HTML 7Page - NXP Semiconductors NE5560N Datasheet HTML 8Page - NXP Semiconductors NE5560N Datasheet HTML 9Page - NXP Semiconductors NE5560N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
NE/SE5560
Switched-mode power supply control circuit
1994 Aug 31
6
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
δ MAX (%)
δ (%)
1.0
50
24
TA
OPERATING CURVE
–60
°C
25
°C
70
°C
125
°C
SE
NE
Power Derating Curve
mA
20
10
0
0
10
20
30
V
NE5560
Voltage-/Current-Fed
Supply Characteristics
VCC
GND
12
1
VS
RVCC
VCC
Current-Fed Dropping Resistor
SEE DC ELECTRICAL
CHARACTERISTICS
FOR CURRENT FED
VCC RANGE
R
VCC +
V
S *
V
CC
(10 20mA)
100
90
80
70
60
50
40
30
20
10
0
1
2
3
4
5
6
V4,5,6 (V)
Transfer Curve of Pulse-Width
Modular Duty Cycle vs Input Voltage
12
R1
R2
2
6
DUTY
CYCLE
CONTROL
100
90
80
70
60
50
40
30
20
10
0
0.1 0.2
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
R
2
R
1 *
R
2
Graph for Determining
δMAX
δ (%)
R1 + R2
(
Ω)
103
104
2
3
4
5
6 7 8 9
2
80
70
60
50
40
30
20
10
δMAX 90%
δMAX 70%
δMAX 50%
δMAX 30%
+
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
4
3
RS
R1
VREF(3.72V)
δ
∆VO/VREF (%)
10
20
30
40
50
60
70
80
90
Regulation vs Error
Amp Closed Gain
Soft-Start Min. Duty Cycle vs R1 + R2
R
f
R
S
+ 20
R
f
R
S
+ 100
R
f
R
S
+ 500
SL00363
Figure 4. Typical Performance Characteristics


Similar Part No. - NE5560N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5560N ETC2-NE5560N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5560N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com