Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE555 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE555
Description  Timer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE555 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE555 Datasheet HTML 1Page - NXP Semiconductors NE555 Datasheet HTML 2Page - NXP Semiconductors NE555 Datasheet HTML 3Page - NXP Semiconductors NE555 Datasheet HTML 4Page - NXP Semiconductors NE555 Datasheet HTML 5Page - NXP Semiconductors NE555 Datasheet HTML 6Page - NXP Semiconductors NE555 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE555/SE555C
Timer
August 31, 1994
347
BLOCK DIAGRAM
COMPARATOR
COMPARATOR
FLIP FLOP
OUTPUT
STAGE
THRESH-
OLD
VCC
6
7
3
1
4
2
5
8
R
R
R
CONTROL
VOLTAGE
TRIGGER
RESET
DIS-
CHARGE
OUTPUT
GND
EQUIVALENT SCHEMATIC
NOTE:
Pin numbers are for 8-Pin package
CONTROL VOLTAGE
FM
VCC
R1
4.7K
R2
330
R3
4.7
K
R
4
1
K
R
7
5
K
R12
6.8K
Q21
Q9
Q8
Q7
Q6
Q5
Q1
Q2
Q3
Q4
Q19
Q22
R13
3.9K
OUTPUT
Q23
C
B
R1
0
82.
K
R5
10
K
Q10
Q11 Q12
Q13
Q20
R11
4.7K
CB
Q18
E
R8
5K
Q17
Q16
Q15
R6
100K
R16
100
Q14
Q25
R9
5K
R15
4.7K
Q24
R14
220
THRESHOLD
TRIGGER
RESET
DISCHARGE
GND


Similar Part No. - NE555

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Fairchild Semiconductor
NE555 FAIRCHILD-NE555 Datasheet
150Kb / 14P
   Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

Similar Description - NE555

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com