Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82_MCX-50-0-42111_T Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 82_MCX-50-0-42111_T
Description  COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

82_MCX-50-0-42111_T Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  82_MCX-50-0-42111_T Datasheet HTML 1Page - Huber+Suhner, Inc. 82_MCX-50-0-42111_T Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-42/111_T
Ordering Information Table
Item number
Item description
Packaging type
23024098
82_MCX-50-0-42/111_TH
Bulk 100 pcs
Additional Information
Remarks
Non-magnetic Brass base material with material impurities
less than 0.01% Fe and 0.30% Co+Ni
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P1341 / Date of publication: 26.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 82_MCX-50-0-42111_T

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
82_MCX-50-0-10111_N HUBERSUHNER-82_MCX-50-0-10111_N Datasheet
230Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-10111_NE HUBERSUHNER-82_MCX-50-0-10111_NE Datasheet
803Kb / 1P
Coaxial PCB Connector
82_MCX-50-0-17-111_N_-1 HUBERSUHNER-82_MCX-50-0-17-111_N_-1 Datasheet
804Kb / 1P
Coaxial PCB Connector
82_MCX-50-0-17111_N HUBERSUHNER-82_MCX-50-0-17111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-19111_N HUBERSUHNER-82_MCX-50-0-19111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
More results

Similar Description - 82_MCX-50-0-42111_T

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-1-11111_N HUBERSUHNER-21_MCX-50-1-11111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12111_N HUBERSUHNER-21_MCX-50-2-12111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12133_N HUBERSUHNER-21_MCX-50-2-12133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13133_N HUBERSUHNER-21_MCX-50-2-13133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
82_MCX-50-0-10111_N HUBERSUHNER-82_MCX-50-0-10111_N Datasheet
230Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-17111_N HUBERSUHNER-82_MCX-50-0-17111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-19111_N HUBERSUHNER-82_MCX-50-0-19111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-35111_N HUBERSUHNER-82_MCX-50-0-35111_N Datasheet
131Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-S50-0-22111_N HUBERSUHNER-82_MCX-S50-0-22111_N Datasheet
186Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-S50-0-29111_N HUBERSUHNER-82_MCX-S50-0-29111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com