Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # BC817
Description  NPN Epitaxial Silicon Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC817 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BC817_06 Datasheet HTML 1Page - Fairchild Semiconductor BC817_06 Datasheet HTML 2Page - Fairchild Semiconductor BC817_06 Datasheet HTML 3Page - Fairchild Semiconductor BC817_06 Datasheet HTML 4Page - Fairchild Semiconductor BC817_06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
BC817/BC818 Rev. B
Typical Performance Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter On Voltage
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter Saturation Voltage
Figure 5. Power Dissipation vs Ambient Temperature
1
10
100
1000
0
100
200
300
400
500
600
125
oC
25
oC
-25
oC
75
oC
BC81725MTF
Vce=1V
Collector Current, [mA]
110
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
125
oC
75
oC
25
oC
V
CE
= 1V
Collector Current, [mA]
10
100
1000
0.0
0.1
0.2
0.3
0.4
125
oC
75
oC
25
oC
-25
oC
Ic=10Ib
Collector Current, [mA]
10
100
1000
0.4
0.6
0.8
1.0
1.2
125
oC
75
oC
25
oC
-25
oC
Ic=10Ib
Collector Current, [mA]
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
Temperature, [
OC]


Similar Part No. - BC817_06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BC817_06

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
SILICON EPITAXIAL NPN TRANSISTOR
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
NPN Epitaxial Silicon Transistor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com