Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2162-P5 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CFK2162-P5
Description  2.3 to 2.5 GHz 34 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2162-P5 Datasheet(HTML) 4 Page - Mimix Broadband

  CFK2162-P5 Datasheet HTML 1Page - Mimix Broadband CFK2162-P5 Datasheet HTML 2Page - Mimix Broadband CFK2162-P5 Datasheet HTML 3Page - Mimix Broadband CFK2162-P5 Datasheet HTML 4Page - Mimix Broadband CFK2162-P5 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Power Output & Power Added Efficiency vs Power Input
2.45 GHz, VDS = 5 V, IDS = 1.2 A
Power Input (dBm)
Efficiency
Power Output
0
10
20
30
40
50
10
15
20
25
30
35
1
6
11
21
26
16
Power Output & Power Added Efficiency vs Power Input
2.45 GHz, VDS = 8 V, IDS = 800 mA
Power Input (dBm)
Efficiency
Power Output
0
10
20
30
40
50
10
15
20
25
30
35
0
5
10
20
25
15
Frequency, GHz
Power Output
11
12
13
14
9
Gain
29
31
33
35
37
Power Output and Gain vs Frequency
VDS =5V, IDS = 1200 mA
2.3
2.4
2.5
2.25
2.45
Power Output & 3rd Order Products vs Power Input
2.45 GHz, VDS = 5 V, IDS = 1.2 A
Power Input (dBm)
3rd Order Products
Power Output
55
45
35
25
15
5
10
15
20
25
30
35
1
6
11
21
26
16
Power Output & 3rd Order Products vs Power Input
2.45 GHz, VDS = 8 V, IDS = 800 mA
Power Input (dBm)
3rd Order Products
Power Output
55
45
35
25
15
5
10
15
20
25
30
35
0
5
10
20
25
15
Frequency, GHz
Power Output and Gain vs Frequency
VDS =8V, IDS = 800 mA
Gain
11
12
13
14
10
29
31
33
35
37
Power Output
2.3
2.4
2.5
2.25
2.45
CFK2162-P5
Product Specifications - July 1997
(3 of 4)
Typical Performance
15 pF
1.5 pF
RF
OUT
RF
IN
CFK2162-P5, 5V, 1200 mA
50
Vg
100 pF
50
0.1 µF
7.5
0.1 µF
91
100
pF
Vd
1.8 pF
1.5 pF
1.2 pF
1.8 pF
47 nH
100 nH
15 pF
1.5 pF
RF
OUT
RF
IN
CFK2162-P5, 8V, 800 mA
50
Vg
100 pF
50
0.1 µF
7.5
0.1 µF
91
100
pF
Vd
1.8 pF
0.6 pF
1.8 pF
47 nH
100 nH


Similar Part No. - CFK2162-P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P5-000T ETC1-CFK2162-P5-000T Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
More results

Similar Description - CFK2162-P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
   2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
   0.8-1.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
   >1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com