Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFK2162-P5 Datasheet(PDF) 3 Page - Mimix Broadband

Part # CFK2162-P5
Description  2.3 to 2.5 GHz 34 dBm Power GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CFK2162-P5 Datasheet(HTML) 3 Page - Mimix Broadband

  CFK2162-P5 Datasheet HTML 1Page - Mimix Broadband CFK2162-P5 Datasheet HTML 2Page - Mimix Broadband CFK2162-P5 Datasheet HTML 3Page - Mimix Broadband CFK2162-P5 Datasheet HTML 4Page - Mimix Broadband CFK2162-P5 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CFK2162-P5
Product Specifications - July 1997
(2 of 4)
RF Match Data shown in the performance graphs was taken
in the test circuits shown at right and on page 3. Layout is
important for proper operation. Phase length of input and out-
put 50
Ω line varies as a function of exact desired frequency
of operation. Output shunt inductor effects output perfor-
mance. Celeritek recommends the use of a high impedance
printed inductor Lambda/4 in length. Please contact the facto-
ry for an evaluation board and/or more detailed application
support.
Typical Scattering Parameters
(TA = 25°C, Vds = 5 V, Ids = 350 mA)
Frequency
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.6
0.946
-162.45
4.973
86.73
0.017
11.14
0.739
172.95
1.0
0.946
-176.06
2.885
73.75
0.018
9.37
0.748
169.73
1.8
0.927
172.61
1.873
54.47
0.023
1.6
0.707
161.84
1.9
0.922
169.71
1.828
50.82
0.023
-0.79
0.70
158.98
1.5
0.938
178.31
2.055
63.25
0.02
4.93
0.73
167.15
2.0
0.918
166.09
1.777
46.63
0.025
-1.23
0.694
155.54
2.1
0.914
161.9
1.722
42.23
0.024
-4.64
0.69
151.93
2.2
0.912
157.79
1.664
37.59
0.026
-9.26
0.689
148.15
2.3
0.914
153.46
1.578
34.07
0.023
-17.03
0.703
143.83
2.4
0.914
148.95
1.503
29.83
0.023
-21.0
0.707
139.91
2.5
0.918
145.37
1.431
26.13
0.023
-22.87
0.714
137.02
2.6
0.921
141.59
1.344
22.16
0.022
-28.45
0.722
134.0
2.7
0.923
138.23
1.254
18.61
0.022
-28.3
0.735
131.62
3.0
0.941
132.34
1.033
10.11
0.022
-27.73
0.76
128.69
3.5
0.957
134.66
0.803
6.12
0.02
-21.78
0.787
132.92
4.0
0.94
138.76
0.803
1.66
0.023
-20.57
0.74
136.51
(TA = 25°C, Vds = 5 V, Ids = 1200 mA)
0.6
0.95
-165
5.311
84.94
0.014
13.61
0.747
17.19
1.0
0.951
-177.94
3.044
72.23
0.014
14.39
0.749
168.92
1.8
0.935
171.39
1.98
53.44
0.018
10.27
0.703
161.07
1.9
0.931
168.6
1.93
49.72
0.019
5.75
0.696
158.27
2.0
0.929
165.15
1.88
45.76
0.02
7.43
0.69
154.9
2.1
0.925
161.29
1.822
41.44
0.02
4.37
0.686
151.32
2.2
0.924
157.02
1.757
36.86
0.021
2.36
0.687
147.44
2.3
0.92
152.84
1.765
32.59
0.02
-5.07
0.679
144.99
2.4
0.923
148.35
1.673
28.03
0.021
-71.14
0.684
141.21
2.5
0.923
144.9
1.603
24.44
0.021
-9.31
0.692
138.25
2.6
0.927
141.0
1.503
20.51
0.02
-11.55
0.702
135.31
2.7
0.93
137.72
1.406
16.94
0.02
-14.27
0.711
132.91
3.0
0.947
131.72
1.09
9.25
0.018
-17.77
0.757
127.79
3.5
0.961
133.41
0.853
4.59
0.017
-13.03
0.779
131.26
4.0
0.945
137.83
0.85
0.36
0.021
-8.72
0.73
134.73
(TA = 25°C, Vds = 8 V, Ids = 800 mA)
0.6
0.941
-164.65
5.654
83.55
0.015
10.74
0.676
174.61
1.0
0.947
-177.32
3.25
70.11
0.015
8.2
0.688
171.96
1.8
0.93
171.59
2.058
49.6
0.018
6.89
0.652
165.68
1.9
0.927
168.63
2.006
45.54
0.019
3.81
0.644
163.07
2.0
0.923
165.04
1.99
41.52
0.019
-1.07
0.639
159.85
2.1
0.919
160.94
1.885
36.76
0.02
-1.68
0.635
156.23
2.2
0.917
156.65
1.714
32.35
0.02
-2.32
0.636
152.38
2.3
0.921
153.49
1.779
29.48
0.018
-14.97
0.642
148.42
2.4
0.921
149.12
1.688
24.79
0.018
-16.28
0.648
144.43
2.5
0.925
145.41
1.616
21.01
0.017
-20.8
0.656
141.59
2.6
0.927
141.65
1.518
16.92
0.017
-23.5
0.667
138.37
2.7
0.933
138.32
1.417
13.24
0.017
-25.79
0.681
136.05
3.0
0.944
131.73
1.116
3.58
0.018
-21.43
0.722
132.33
3.5
0.96
134.09
0.857
-1.39
0.016
-16.54
0.762
136.36
4.0
0.942
137.96
0.841
-6.32
0.02
-10.57
0.723
140.71
15 pF
1.8 pF
RF
OUT
RF
IN
CFK2162-P5, 5V, 350 mA
50
Vg
100 pF
50
0.1 µF
7.5
0.1 µF
91
100
pF
Vd
1.5 pF
1.5 pF
1.8 pF
47 nH
100 nH


Similar Part No. - CFK2162-P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P5-000T ETC1-CFK2162-P5-000T Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
More results

Similar Description - CFK2162-P5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFH2162-P5 ETC-CFH2162-P5 Datasheet
157Kb / 2P
2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
2.3 to 2.5 GHz 34 dBm Power GaAs FET
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
800 to 900 MHz 34 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
800-900 MHz 34 dBm Power GaAs FET
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
1.8 to 2.0 GHz 34 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_07 Datasheet
314Kb / 5P
0.8-1.0 GHz 34 dBm Power GaAs FET
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com