Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82_MCX-50-0-17111_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 82_MCX-50-0-17111_N
Description  COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

82_MCX-50-0-17111_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  82_MCX-50-0-17111_N Datasheet HTML 1Page - Huber+Suhner, Inc. 82_MCX-50-0-17111_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-17/111_N_-1
Properties
• Small size
• Easy to connect and
disconnect
• Wide range of board
connectors and cable
connectors available
Product configuration
Inte ace type
Gender
Standard
MCX
jack
IEC 60169-36_CECC 22220
Inte ace and material data
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Brass
SUCOPRO Plating
Body
Brass
SUCOPRO Plating
Insulator
PFA / PTFE
Electrical data
Impedance
50
Inte ace frequency
6 GHz
Mechanical data
Weight
0.0007 kg
Mating cycles
500
Board mounting type
through holes
Number of printlegs
4
Height above PCB HA
6 mm
Height of stand o
HS
0 mm
Disengagement force (to)
20 N
Engagement force max
25 N
Environmental data
Operation temperature
-65 °C ... 165°C
hubersuhner.com


Similar Part No. - 82_MCX-50-0-17111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
82_MCX-50-0-17-111_N_-1 HUBERSUHNER-82_MCX-50-0-17-111_N_-1 Datasheet
804Kb / 1P
Coaxial PCB Connector
More results

Similar Description - 82_MCX-50-0-17111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-1-11111_N HUBERSUHNER-21_MCX-50-1-11111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12111_N HUBERSUHNER-21_MCX-50-2-12111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12133_N HUBERSUHNER-21_MCX-50-2-12133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13133_N HUBERSUHNER-21_MCX-50-2-13133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
82_MCX-50-0-10111_N HUBERSUHNER-82_MCX-50-0-10111_N Datasheet
230Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-19111_N HUBERSUHNER-82_MCX-50-0-19111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-35111_N HUBERSUHNER-82_MCX-50-0-35111_N Datasheet
131Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-50-0-42111_T HUBERSUHNER-82_MCX-50-0-42111_T Datasheet
154Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-S50-0-22111_N HUBERSUHNER-82_MCX-S50-0-22111_N Datasheet
186Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
82_MCX-S50-0-29111_N HUBERSUHNER-82_MCX-S50-0-29111_N Datasheet
532Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com