Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21_MCX-50-2-13133_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 21_MCX-50-2-13133_N
Description  COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

21_MCX-50-2-13133_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  21_MCX-50-2-13133_N Datasheet HTML 1Page - Huber+Suhner, Inc. 21_MCX-50-2-13133_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13/133_N
Properties
• Small size
• Easy to connect and
disconnect
• Wide range of board
connectors and cable
connectors available
Product configuration
Inte ace type
Gender
Standard
MCX
jack
IEC 60169-36_CECC 22220
Inte ace and material data
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Brass
SUCOPLATE (R) Plating
Body
Brass
SUCOPLATE (R) Plating
Insulator
PFA / PTFE
Crimp ferrule
Copper
SUCOPLATE (R) Plating
Electrical data
Impedance
50
Inte ace frequency
6 GHz
Mechanical data
Weight
0.0013 kg
Mating cycles
500
Cable entry centre contact
crimped
Cable entry outer contact
crimped
Environmental data
Operation temperature
-55 °C ... 155°C
hubersuhner.com


Similar Part No. - 21_MCX-50-2-13133_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-2-13111_N HUBERSUHNER-21_MCX-50-2-13111_N Datasheet
162Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
More results

Similar Description - 21_MCX-50-2-13133_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-1-11111_N HUBERSUHNER-21_MCX-50-1-11111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12111_N HUBERSUHNER-21_MCX-50-2-12111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12133_N HUBERSUHNER-21_MCX-50-2-12133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13111_N HUBERSUHNER-21_MCX-50-2-13111_N Datasheet
162Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
24_MCX-50-1-13111_N HUBERSUHNER-24_MCX-50-1-13111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-13133_N HUBERSUHNER-24_MCX-50-1-13133_N Datasheet
473Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-3111_N HUBERSUHNER-24_MCX-50-1-3111_N Datasheet
163Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-6111_N HUBERSUHNER-24_MCX-50-2-6111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-7111_N HUBERSUHNER-24_MCX-50-2-7111_N Datasheet
164Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
82_MCX-S50-0-22111_N HUBERSUHNER-82_MCX-S50-0-22111_N Datasheet
186Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com