Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21_MCX-50-2-13133_N Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 21_MCX-50-2-13133_N
Description  COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

21_MCX-50-2-13133_N Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  21_MCX-50-2-13133_N Datasheet HTML 1Page - Huber+Suhner, Inc. 21_MCX-50-2-13133_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13/133_N
Ordering Information Table
Item number
Item description
Packaging type
22658279
21_MCX-50-2-13/133_NH
Bulk 100 pcs
Suitable cables
Cable group
U2 - 2 mm / 50 Ohm
Suitable cables
RG_188_A/U
RG_316_/U
Additional cables
RG_174_/U
Additional Information
Only as assembly
No
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P2906 / Date of publication: 25.11.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 21_MCX-50-2-13133_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-2-13111_N HUBERSUHNER-21_MCX-50-2-13111_N Datasheet
162Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
More results

Similar Description - 21_MCX-50-2-13133_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-1-11111_N HUBERSUHNER-21_MCX-50-1-11111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12111_N HUBERSUHNER-21_MCX-50-2-12111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12133_N HUBERSUHNER-21_MCX-50-2-12133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13111_N HUBERSUHNER-21_MCX-50-2-13111_N Datasheet
162Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
24_MCX-50-1-13111_N HUBERSUHNER-24_MCX-50-1-13111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-13133_N HUBERSUHNER-24_MCX-50-1-13133_N Datasheet
473Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-3111_N HUBERSUHNER-24_MCX-50-1-3111_N Datasheet
163Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-6111_N HUBERSUHNER-24_MCX-50-2-6111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-7111_N HUBERSUHNER-24_MCX-50-2-7111_N Datasheet
164Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
82_MCX-S50-0-22111_N HUBERSUHNER-82_MCX-S50-0-22111_N Datasheet
186Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com