Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT240-ISSG Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT240-ISSG
Description  4 KEY QTOUCH SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT240-ISSG Datasheet(HTML) 3 Page - Quantum Research Group

  QT240-ISSG Datasheet HTML 1Page - Quantum Research Group QT240-ISSG Datasheet HTML 2Page - Quantum Research Group QT240-ISSG Datasheet HTML 3Page - Quantum Research Group QT240-ISSG Datasheet HTML 4Page - Quantum Research Group QT240-ISSG Datasheet HTML 5Page - Quantum Research Group QT240-ISSG Datasheet HTML 6Page - Quantum Research Group QT240-ISSG Datasheet HTML 7Page - Quantum Research Group QT240-ISSG Datasheet HTML 8Page - Quantum Research Group QT240-ISSG Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1 Overview
1.1 Introduction
QT240 devices are burst mode digital charge-transfer (QT)
sensor ICs designed specifically for touch controls; they
include all hardware and signal processing functions
necessary to provide stable sensing under a wide variety of
conditions. Only a single low cost capacitor per channel is
required for operation.
Figures 1.1 and 1.2 show basic circuits for these device s.
See Table 1.1 for device pin listings.
The devices employ bursts of charge-transfer cycles to
acquire signals. Burst mode permits low power operation,
dramatically reduces RF emissions, lowers susceptibility to
RF fields, and yet permits excellent speed. Internally, signals
are digitally processed to reject impulse noise using a
'consensus' filter that requires six consecutive confirmations
of detection.
The QT switches and charge measurement hardware
functions are all internal to the device. A single-slope
switched capacitor ADC includes the QT charge and transfer
switches in a configuration that provides direct ADC
conversion; an external Cs capacitor accumulates the charge
from sense-plate Cx, which is then measured.
Larger values of Cx cause the charge transferred into Cs to
rise more rapidly, reducing available resolution; as a
minimum resolution is required for proper operation, this can
result in dramatically reduced gain. Larger values of Cs
reduce the rise of differential voltage across it, increasing
available resolution by permitting longer QT bursts. The
value of Cs can thus be increased to allow larger values of
Cx to be tolerated. The IC is responsive to both Cx and Cs,
and changes in either can result in substantial changes in
sensor gain.
Unused channels: If a channel is not used, a dummy sense
capacitor (nominal value 1nF ) of any type plus a 2.2K series
resistor must be connected between unused SNS pin pairs,
to ensure correct operation.
1.2 Operating Modes
The QT240 features spread-spectrum acquisition
capability, external synchronization of acquire
bursts, and fast and slow acquisition modes. These
modes are enabled via high-value resistors
connected to the SNS pins to ground or Vdd. These
resistors are required in every circuit.
There are two basic modes as shown in Figures 1.1
and 1.2.
Low-power Sync mode: In this mode the device
operates with about a 100ms response time and
very low current (about 90µA average at 4.0V). This
mode allows the device to be synchronized to an
external clock source, which can be used to either
suppress external interference (such as from
50/60Hz wiring) or to decrease response time
(which will also increase power consumption).
Spread-spectrum operation is not directly supported
in this mode. Sync usage is optional; the Sync pin
should be grounded if unused.
Fast, Spread-Spectrum mode: In this mode the device
operates with ~40ms response times but higher current drain
(~1.5mA @ 4.0V). This mode also supports spread-spectrum
operation via a few optional passive parts (if desired ). Sync
operation is not supported in this mode.
1.3 Electrode Drive; Wiring
The QT240 has four completely independent sensing
channels. The conversion process treats Cs on each channel
as a floating transfer capacitor; as a direct result, sense
electrodes can be connected to either SNS pin and the
sensitivity and basic function will be the same; however
electrodes should be connected to SNSnK lines to reduce
EMI susceptibility.
The PCB traces, wiring, and any components associated
with or in contact with either SNS pin will become touch
sensitive and should be treated with caution to limit the touch
area to the desired location.
lQ
3
QT240R R1.11/1006
Figure 1.1 Low Power, Synchronized Circuit
S1
S3
S2
VDD
10nF
CS1
62K
R4
10nF
CS3
10nF
CS4
2.2K
RS3
VDD
1M
R2
22K
RSNS1
2.2K
RS1
22K
RSNS4
2.2K
RS4
OPT1
OUT1
SYNC
OUT4
OUT2
OUT3
10nF
CS2
RS2
2.2K
1M
R1
VDD
1M
R3
10 second
timeout shown
SPEED
OPT
22K
RSNS2
OPT2
22K
RSNS3
QT240-ISS
Sense pin (to Cs3, electrode); OPT1
SNS3K
20
Sense pin (to Rs3 + Cs3)
SNS3
19
Sense pin (to Cs4, electrode); OPT2
SNS4K
18
Sense pin (to Rs4 + Cs4)
SNS4
17
Ground or no connect
VSS
16
Oscillator bias in
OSC
15
Power: +4.0 to +5V locally regulated
VDD
14
Reset pin, active low. Can usually tie to Vdd.
/RES
13
Output, key 4
OUT4
12
Unbonded internally
n.c.
11
Unbonded internally
n.c.
10
Sync in and/or spread-spectrum drive
SYNC/SS
9
Ground
VSS
8
Output, key 3
OUT3
7
Output, key 2
OUT2
6
Output, key 1
OUT1
5
Sense pin (to Cs1, electrode); speed option
SNS1K
4
Sense pin (to Rs1 + Cs1)
SNS1
3
Sense pin (to Cs2, electrode)
SNS2K
2
Sense pin (to Rs2 + Cs2)
SNS2
1
Description
Name
Pin
Table 1.1 Pin Listing - QT240-ISS


Similar Part No. - QT240-ISSG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240-ISS-G QUANTUM-QT240-ISS-G Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results

Similar Description - QT240-ISSG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com