Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QT240-ISSG Datasheet(PDF) 4 Page - Quantum Research Group

Part # QT240-ISSG
Description  4 KEY QTOUCH SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT240-ISSG Datasheet(HTML) 4 Page - Quantum Research Group

  QT240-ISSG Datasheet HTML 1Page - Quantum Research Group QT240-ISSG Datasheet HTML 2Page - Quantum Research Group QT240-ISSG Datasheet HTML 3Page - Quantum Research Group QT240-ISSG Datasheet HTML 4Page - Quantum Research Group QT240-ISSG Datasheet HTML 5Page - Quantum Research Group QT240-ISSG Datasheet HTML 6Page - Quantum Research Group QT240-ISSG Datasheet HTML 7Page - Quantum Research Group QT240-ISSG Datasheet HTML 8Page - Quantum Research Group QT240-ISSG Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Multiple touch electrodes connected to any SNSnK can be
used, for example, to create control surfaces on both sides of
an object.
It is important to limit the amount of stray capacitance on the
SNS terminals, for example by minimizing trace lengths and
widths to allow for higher gain without requiring higher values
of Cs. Under heavy delta-Cx loading of one key, cross
coupling to another key’s trace can cause the other key to
trigger. Therefore, electrode traces from adjacent keys
should not be run close to each other over long runs in order
to minimize cross-coupling if large values of delta-Cx are
expected, for example when an electrode is directly touched.
This is not a problem when the electrodes are working
through a plastic panel with normal touch sensitivity.
1.4 Sensitivity
1.4.1 Introduction
Sensitivity can be altered to suit various applications and
situations on a channel-by-channel basis. The easiest and
most direct way to impact sensitivity is to alter the value of
each Cs; more Cs yields higher sensitivity. Each channel has
its own Cs value and can therefore be independently
adjusted.
1.4.2 Alternative Ways to Increase
Sensitivity
Sensitivity can also be increased by using bigger
electrode areas, reducing panel thickness, or using
a panel material with a higher dielectric constant .
1.4.3 Decreasing Sensitivity
In some cases the circuit may be too sensitive.
Gain can be lowered further by a number of
strategies: a) making the electrode smaller, b)
making the electrode into a sparse mesh using a
high space-to-conductor ratio, or c) by decreasing
the Cs capacitors.
1.4.4 Key Balance
A number of factors can cause sensitivity
imbalances. Notably, SNS wiring to electrodes can
have differing stray amounts of capacitance to
ground. Increasing load capacitance will cause a
decrease in gain. Key size differences, and
proximity to other metal surfaces can also impact
gain.
The four keys may thus require ‘balancing’ to
achieve similar sensitivity levels. This can be best
accomplished by trimming the values of the four
Cs capacitors to achieve equilibrium. The four Rs
resistors have no effect on sensitivity and should
not be altered. Load capacitances can also be added to
overly sensitive channels to ground, to reduce their gains.
These should be in the order of a few picofarads.
2 QT240 Specifics
2.1 Signal Processing
2.1.1 Introduction
These devices process all signals using 16 bit math , using a
number of algorithms pioneered by Quantum. These
algorithms are specifically designed to provide for high
survivability in the face of adverse environmental changes.
2.1.2 Drift Compensation
Signal drift can occur because of changes in Cx , Cs, and
Vdd over time. If a low grade Cs capacitor is chosen, the
signal can drift greatly with temperature. If keys are subject
to extremes of temperature or humidity, the signal can also
drift. It is crucial that drift be compensated, else false
detections, nondetections, and sensitivity shifts will follow.
Drift compensation (Figure 2.1) is a method that makes the
reference level track the raw signal at a slow rate, only while
no detection is in effect. The rate of reference
adjustment must be performed slowly else
legitimate detections can also be ignored. The IC
drift compensates each channel independently
using a slew-rate limited change to the reference
level; the threshold and hysteresis values are
slaved to this reference.
Once an object is sensed, the drift compensation
mechanism ceases since the signal is legitimately
high, and therefore should not cause the reference
level to change.
lQ
4
QT240R R1.11/1006
Figure 1.2 Fast, Spread-spectrum Circuit
S1
S3
S2
VDD
OUT4
OUT1
OUT2
OUT3
10nF
CS1
RS1
2.2K
C1
22nF
10nF
CS3
10nF
CS4
RS3
2.2K
VDD
1M
R2
22K
RSNS1
360K
R5
22K
RSNS4
RS4
2.2K
OPT1
10nF
CS2
RS2
2.2K
1M
R1
R6
180K
VDD
62K
R4
1M
R3
10 second
timeout shown
22K
RSNS2
SPEED
OPT
OPT2
22K
RSNS3
QT240_ISS
Figure 2.1 Drift Compensation
Threshold
Signal
Hysteresis
Reference
Output


Similar Part No. - QT240-ISSG

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240-ISS-G QUANTUM-QT240-ISS-G Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results

Similar Description - QT240-ISSG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com