Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BO2525L Datasheet(PDF) 2 Page - Xtaltq Technologies Co.,Ltd.

Part # BO2525L
Description  Wide Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.

BO2525L Datasheet(HTML) 2 Page - Xtaltq Technologies Co.,Ltd.

  BO2525L Datasheet HTML 1Page - Xtaltq Technologies Co.,Ltd. BO2525L Datasheet HTML 2Page - Xtaltq Technologies Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Guide
Example: BO2525LH5C108HN10
Disclaimer
Xtaltq Technologies Co., Limited reserves the right to make changes to the product(s) and/or information contained herein without notice. No
liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Solderability
EIA/JESD22-B102-C
RoHS
RoHS Directive 2011/65/EU Annex II Recasting 2002/95/EC
Outline Dimension & Pin Connections
Temperature Stress Test
IEC60068, GJB360B
Mechanical Stress Test
IEC60068, GJB360B
EMC Test (ESD)
IEC61000, JESD22
Reliability
Parameter
Condition
BO
Product
OCXO
Outline
25mm x 25mm
XX.XX
L
X X
X
XXX
2525
Freq. Range:
L:
<50MHz
Output:
H: CMOS
S: Sine Wave
Temp. Range:
C: -20
~+70
G: -40
~+70
I: -40
~+85
U: -55
~+85
Tuning:
N: No Tuning
E: ± 500ppb
D: ± 1000ppb
Temp. Stability:
207: ± 200ppb
107: ± 100ppb
508: ± 50ppb
509: ± 5ppb
Phase Noise:
H: -150dBc@1kHz
J: -155dBc@1kHz
K: -160dBc@1kHz
L: -165dBc@1kHz
X
Supply Voltage:
1: 12 Vdc
5: 5 Vdc
X
Frequency:
xx MHz
e.g.: 10 (10MHz)
2/2
Release Date: Mar.27, 2016


Similar Part No. - BO2525L

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BO2525L XTAITQ-BO2525L Datasheet
475Kb / 2P
Oven Controlled Crystal Oscillator
BO2525LH1C108GE10 XTAITQ-BO2525LH1C108GE10 Datasheet
475Kb / 2P
Oven Controlled Crystal Oscillator
BO2525LH1C108GN10 XTAITQ-BO2525LH1C108GN10 Datasheet
475Kb / 2P
Oven Controlled Crystal Oscillator
BO2525LH1C108HE10 XTAITQ-BO2525LH1C108HE10 Datasheet
475Kb / 2P
Oven Controlled Crystal Oscillator
BO2525LH1C108HN10 XTAITQ-BO2525LH1C108HN10 Datasheet
475Kb / 2P
Oven Controlled Crystal Oscillator
More results

Similar Description - BO2525L

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
Wide operation temperature range
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
logo
Xtaltq Technologies Co....
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
Wide Temperature Range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com