Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BO2020H Datasheet(PDF) 1 Page - Xtaltq Technologies Co.,Ltd.

Part # BO2020H
Description  Wide Temperature Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.

BO2020H Datasheet(HTML) 1 Page - Xtaltq Technologies Co.,Ltd.

  BO2020H Datasheet HTML 1Page - Xtaltq Technologies Co.,Ltd. BO2020H Datasheet HTML 2Page - Xtaltq Technologies Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Min.
Typ.
Max.
5.0
V
12.0
V
4.5
W
1.5
W
MHz
MHz
±100
±300
ppb
±50
±100
ppb
±100
±200
ppb
±200
±500
ppb
VOH
2.4
V
VOL
0.4
V
Duty Cycle
45
55
%
Rise/Fall edge
6
ns
Load
15
pf
Output Level
7
dBm
Harmonics
-40
dBc
Spurious
-80
dBc
Load
50
Ω
1×10
-11
ppb/s
0
5
Min
±10
±10
±2
±200
-100
Offset 10Hz
-130
Offset 100Hz
-160
Offset 1kHz
-170
Offset 10kHz
-170
Offset 100kHz
0
5
V
±0.5
±2.0
ppm
Short-term Stability@100MHz
Test after 15 Min.
Warm-up Time
At +25
℃, with tolerance ±100ppb
Supply Voltage
Vcc±5%
Vcc±5%
HCMOS
HCMOS Output, Load=15pf
HCMOS Output, Load=15pf
( VOH - VOL)/2
HCMOS Output, Load=15pf
Sine Wave
Frequency Turning Range
Tuning Slope
Positive
SSB Phase Noise
@100MHz
dBc/Hz
At +25℃,12V
Control Voltage Range
Supply Sensitivity
ppb
Vcc±5%
Load Sensitivity
Load±5%
Aging per Day
After 30 days of operation
Aging per Year
After 30 days of operation
Initial Frequency Tolerance
At shipment, nominal EFC
Freq. Stability Vs. Temp.
-40
℃ ~ +70℃
-40℃ ~ +85℃
-55℃ ~ +85℃
Frequency Range
50 to 120
Nominal Frequency
50, 80, 100, 120
Power Consumption
BO2020H Specifications
Parameter
Value
Unit
Condition
● Fast Warming-up
● Synthesizer
● Ultra Low Phase Noise
● Medical Electronics
Features
Applications
● Ultra Stable
● Base Stations
● Wide Temperature Range
● Instrumentations
1/2
Release Date: Mar.27. 2016


Similar Part No. - BO2020H

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BO2020H XTAITQ-BO2020H Datasheet
384Kb / 2P
Oven Controlled Cyrstal Oscillator
BO2020HS1C107KD100 XTAITQ-BO2020HS1C107KD100 Datasheet
384Kb / 2P
Oven Controlled Cyrstal Oscillator
BO2020HS1C107KE100 XTAITQ-BO2020HS1C107KE100 Datasheet
384Kb / 2P
Oven Controlled Cyrstal Oscillator
BO2020HS1C107KN100 XTAITQ-BO2020HS1C107KN100 Datasheet
384Kb / 2P
Oven Controlled Cyrstal Oscillator
BO2020HS1C107MD100 XTAITQ-BO2020HS1C107MD100 Datasheet
384Kb / 2P
Oven Controlled Cyrstal Oscillator
More results

Similar Description - BO2020H

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
Wide temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-6211T AVAGO-ACFL-6211T Datasheet
308Kb / 13P
Automotive Wide Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
Wide operation temperature range
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
Wide temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
Wide Temperature Range
Mar.27, 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com