Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2240901082 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2240901082
Description  KK Plus250 R-S 8ckt 150mm disc Sn
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2240901082 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2240901082 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FORMAT: master-tb-prod-A4
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/23
11:04:45
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 743463
DRWN: THANUB
2023/02/23
CHK'D:
SKUMAR07
2023/03/23
APPR: SKUMAR07
2023/03/23
INITIAL REVISION:
DRWN: THANUB
2023/02/20
APPR: SKUMAR07
2023/03/23
THIRD ANGLE PROJECTION
DRAWING
SERIES
A4-SIZE 224090
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2240901080
PSD 000
B
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 1
REVISION
DATE
REV
DESCRIPTION
CHANGER
02/22/2023
B
INITIAL RELEASE
THANUB
NOTES
1.THE PRODUCT MUST MEET PERFORMANCE SPECIFICATION
AS PER ES-36586-004.
2.CONNECTOR VIEW SHOWN IS FROM MATING SIDE.
3.LABEL TEXT MUST BE 2 MM MAX. IN HEIGHT WITH ARIAL FONT.
4.LABEL MUST BE WRAPPED IN FLAG TYPE ON A SINGLE CABLE.
5.TINNING SHOULD BE DONE WITH LEAD FREE SOLDER BAR ONLY.
6.FREE ENDS MUST BE STRIPPED,TWISTED & TINNED.
7.THE LENGTH OF TINNING IS 5±1 MM.TINNING DIA MUST BE 1.0 MM MAX.
ITEM PART#
DESCRIPTION
QTY
UOM
A
2078410008 RECEPTACLE HOUSING FOR L1NK 250 - 1X8 Ck 1
PC
B
466261305
CRIMP TERMINAL FOR L1NK 250 - 22-24 AWG
8
PC
C
--
WHITE PART ID LABEL
1
PC
FROM TO
DESCRIPTION
COLOUR
A1
--
1X22AWG DISC PVC BK UL1569
BLACK
A2
--
1X22AWG DISC PVC BK UL1569
BLACK
A3
--
1X22AWG DISC PVC BK UL1569
BLACK
A4
--
1X22AWG DISC PVC BK UL1569
BLACK
A5
--
1X22AWG DISC PVC BK UL1569
BLACK
A6
--
1X22AWG DISC PVC BK UL1569
BLACK
A7
--
1X22AWG DISC PVC BK UL1569
BLACK
A8
--
1X22AWG DISC PVC BK UL1569
BLACK
PART NUMBER
TITLE
L1
L2(REF)
2240901080
KK Plus250 R-S 8ckt 50mm disc Sn
50±5
15
2240901081
KK Plus250 R-S 8ckt 100mm disc Sn
100±5
15
2240901082
KK Plus250 R-S 8ckt 150mm disc Sn
150±5
15
2240901083
KK Plus250 R-S 8ckt 300mm disc Sn
300±5
15
2240901084
KK Plus250 R-S 8ckt 600mm disc Sn
600±5
15
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
5
6
6
MOLEX P/N
MOLEX
BATCH WK/YR
DETAIL A
1
8
B
A
C
L2
5±1
L1
LABEL
REFER DETAIL A


Similar Part No. - 2240901082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2240901020 MOLEX-2240901020 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240901021 MOLEX-2240901021 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240901022 MOLEX-2240901022 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240901023 MOLEX-2240901023 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240901024 MOLEX-2240901024 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
More results

Similar Description - 2240901082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2240891082 MOLEX-2240891082 Datasheet
101Kb / 1P
KK Plus250 R-R 8ckt 150mm disc Sn
2023/03/23
2240901042 MOLEX-2240901042 Datasheet
101Kb / 1P
KK Plus250 R-S 4ckt 150mm disc Sn
2023/03/23
2240901062 MOLEX-2240901062 Datasheet
101Kb / 1P
KK Plus250 R-S 6ckt 150mm disc Sn
2023/03/23
2240901022 MOLEX-2240901022 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240901032 MOLEX-2240901032 Datasheet
100Kb / 1P
KK Plus250 R-S 3ckt 150mm disc Sn
2023/03/23
2196651082 MOLEX-2196651082 Datasheet
286Kb / 1P
KK 3.96 R-S 8ckt 150mm disc Sn
2022/01/19
2240891062 MOLEX-2240891062 Datasheet
101Kb / 1P
KK Plus250 R-R 6ckt 150mm disc Sn
2023/03/23
2240891052 MOLEX-2240891052 Datasheet
101Kb / 1P
KK Plus250 R-R 5ckt 150mm disc Sn
2023/03/23
2240901052 MOLEX-2240901052 Datasheet
101Kb / 1P
KK Plus250 R-R 5ckt 150mm disc Sn
2023/03/23
2240891042 MOLEX-2240891042 Datasheet
100Kb / 1P
KK Plus250 R-R 4ckt 150mm disc Sn
2023/03/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com