Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV34S Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # TMOV34S
Description  Thermal Fuse & MOV (TFMOV)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TMOV34S Datasheet(HTML) 2 Page - UN Semiconducctor INC

  TMOV34S Datasheet HTML 1Page - UN Semiconducctor INC TMOV34S Datasheet HTML 2Page - UN Semiconducctor INC TMOV34S Datasheet HTML 3Page - UN Semiconducctor INC TMOV34S Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
Performance data TA=25 ºC
Mark
tolerance
Clamping
Voltage
(Max)
Typical
Capacitance
(Reference)
Maximum
continuous
operating
voltage
Maximum
Energy
(2ms)
Discharge
current
capacity
(8/20µs)
Rated
power
PMAX
(W)
(A)
IMAX
WMAX
(J)
VDC
(V)
VRMS
@1kHz
IP
VC
VN
(±%)
VN
(V)
(V)
(V)
(A)
(PF)
(V)
Varistor
Voltage
Rating value T=+85 ºC
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thermal Fuse & MOV (TFMOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@25℃ Unless Otherwise Specified )
2/3
TMOV34S Series
34S101KTA
34S121KTA
34S151KTA
34S181KTA
34S201KTA
34S221KTA
34S241KTA
34S271KTA
34S301KTA
34S331KTA
34S361KTA
34S391KTA
34S431KTA
34S471KTA
34S511KTA
34S561KTA
34S621KTA
34S681KTA
34S751KTA
34S781KTA
34S821KTA
34S911KTA
34S951KTA
34S102KTA
34S112KTA
100
120
150
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
780
820
910
950
1000
1100
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
165
200
250
300
340
360
395
455
500
550
595
650
710
775
845
915
1025
1120
1240
1290
1355
1500
1600
1650
1815
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
13000
10000
9000
8000
7900
7200
6600
5600
5300
5000
4400
4100
3800
3400
3200
2900
2600
2400
2200
2100
2000
1800
1700
1600
1815
60
75
95
115
130
140
150
175
195
210
230
250
275
300
320
350
385
420
460
485
510
550
580
625
680
81
100
125
150
170
180
200
225
250
275
300
320
350
385
410
460
505
560
615
640
670
745
750
825
895
-
-
-
-
310
340
360
390
410
430
460
490
550
600
640
710
800
910
920
930
940
960
1000
1040
1100
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4


Similar Part No. - TMOV34S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
The Littelfuse TMOV짰34S thermally protected varistor
TMOV34S111EP LITTELFUSE-TMOV34S111EP Datasheet
994Kb / 8P
Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
More results

Similar Description - TMOV34S

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
14D391KT UNSEMI-14D391KT Datasheet
772Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TFMOV15S UNSEMI-TFMOV15S Datasheet
2Mb / 4P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV25D UNSEMI-TMOV25D Datasheet
2Mb / 5P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV32D UNSEMI-TMOV32D Datasheet
2Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
20D471KT UNSEMI-20D471KT Datasheet
494Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com