Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV32D Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # TMOV32D
Description  Thermal Fuse & MOV (TFMOV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TMOV32D Datasheet(HTML) 2 Page - UN Semiconducctor INC

  TMOV32D Datasheet HTML 1Page - UN Semiconducctor INC TMOV32D Datasheet HTML 2Page - UN Semiconducctor INC TMOV32D Datasheet HTML 3Page - UN Semiconducctor INC TMOV32D Datasheet HTML 4Page - UN Semiconducctor INC TMOV32D Datasheet HTML 5Page - UN Semiconducctor INC TMOV32D Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Number
Performance data TA=25 ºC
Mark
tolerance
Clamping
Voltage
(Max)
Typical
Capacitance
(Reference)
Maximum
continuous
operating
voltage
Maximum
Energy
(2ms)
Discharge
current
capacity
(8/20µs)
Rated
power
PMAX
(W)
(A)
IMAX
WMAX
(J)
VDC
(V)
VRMS
@1kHz
IP
VC
VN
(±%)
VN
(V)
(V)
(V)
(A)
(PF)
(V)
Varistor
Voltage
Rating value T=+85 ºC
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thermal Fuse & MOV (TFMOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@25℃ Unless Otherwise Specified )
3/4
TMOV32D Series
32D201KTA
32D221KTA
32D241KTA
32D271KTA
32D331KTA
32D361KTA
32D391KTA
32D431KTA
32D471KTA
32D511KTA
32D561KTA
32D621KTA
32D681KTA
32D751KTA
32D781KTA
32D821KTA
32D911KTA
32D102KTA
32D112KTA
200
220
240
270
330
360
390
430
470
510
580
620
680
750
780
820
910
1000
1100
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
340
360
395
455
550
595
650
710
775
845
915
1025
1120
1240
1290
1355
1500
1650
1815
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
4100
3700
3400
2900
2600
2300
2100
2000
1700
1600
1400
1300
1300
1100
1100
1000
950
840
770
130
140
150
175
210
230
250
275
300
320
350
385
420
460
485
510
550
625
680
170
180
200
225
275
300
320
350
385
410
480
505
560
615
640
670
745
825
895
210
225
240
250
270
300
330
360
380
430
490
550
600
520
550
580
620
680
760
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2


Similar Part No. - TMOV32D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
logo
UN Semiconducctor INC
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
logo
Littelfuse
TMOV34S111EP LITTELFUSE-TMOV34S111EP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
More results

Similar Description - TMOV32D

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TFMOV15S UNSEMI-TFMOV15S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
20D471KT UNSEMI-20D471KT Datasheet
494Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
14D391KT UNSEMI-14D391KT Datasheet
772Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV25D UNSEMI-TMOV25D Datasheet
2Mb / 5P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com