Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV32D Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # TMOV32D
Description  Thermal Fuse & MOV (TFMOV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TMOV32D Datasheet(HTML) 1 Page - UN Semiconducctor INC

  TMOV32D Datasheet HTML 1Page - UN Semiconducctor INC TMOV32D Datasheet HTML 2Page - UN Semiconducctor INC TMOV32D Datasheet HTML 3Page - UN Semiconducctor INC TMOV32D Datasheet HTML 4Page - UN Semiconducctor INC TMOV32D Datasheet HTML 5Page - UN Semiconducctor INC TMOV32D Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
Applicable
ROHS
www.unsemi.com.tw
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/4
TMOV32D Series
Thermal Fuse & MOV (TFMOV)
Mechanical Data
Functional Diagram
Part Numbering
TMOV temperature tube type pressure sensitive resistor is a
kind of insurance which has the function of overtemperature
out (off) zno piezoresistor. It is in the ordinary course of MOV is
sensitive to the temperature of the chip attached device. When
power frequency current continue to increase, or MOV failure,
because of the power frequency current or MOV leakage
current increase, leading to MOV body temperature rises to the
set of TMOV action temperature, temperature sensitive device
will be disconnected. Thus cutting off the supply current of
MOV, make MOV temperature no longer increases, thus
prevent the caused due to the failure of MOV new zno
piezoresistor on fire. It USES a standard lead as a terminal,
very suitable for the PCB circuit board installation.
Strip
UPS
Network
Railway
Computers
Telecommunication
Switching power supply
Zero resistance structure: circular, has the lead,
with overtemperature from institutions, epoxy
resin coating
Coating material: flame retardant epoxy resin,
accord with UL94V-O
Electrode lead: tinned copper wire
Packing: in bulk
TMOV - 32
D
XXX
- KTA
(1)
(2) (3)
(4)
(5)
(1) Zone temperature insurance tube type
(2) The diameter size
(3) TMOV Shape : D—Round
(4) Varistor Voltage
(5) Pin type


Similar Part No. - TMOV32D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S LITTELFUSE-TMOV34S Datasheet
803Kb / 7P
   The Littelfuse TMOV짰34S thermally protected varistor
logo
UN Semiconducctor INC
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
logo
Littelfuse
TMOV34S111EP LITTELFUSE-TMOV34S111EP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
More results

Similar Description - TMOV32D

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TFMOV15S UNSEMI-TFMOV15S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
20D471KT UNSEMI-20D471KT Datasheet
494Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
14D391KT UNSEMI-14D391KT Datasheet
772Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV25D UNSEMI-TMOV25D Datasheet
2Mb / 5P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com