Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMOV20D Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # TMOV20D
Description  Thermal Fuse & MOV (TFMOV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

TMOV20D Datasheet(HTML) 3 Page - UN Semiconducctor INC

  TMOV20D Datasheet HTML 1Page - UN Semiconducctor INC TMOV20D Datasheet HTML 2Page - UN Semiconducctor INC TMOV20D Datasheet HTML 3Page - UN Semiconducctor INC TMOV20D Datasheet HTML 4Page - UN Semiconducctor INC TMOV20D Datasheet HTML 5Page - UN Semiconducctor INC TMOV20D Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number
Performance data TA=25 ºC
Mark
tolerance
Clamping
Voltage
(Max)
Typical
Capacitance
(Reference)
Maximum
continuous
operating
voltage
Maximum
Energy
(2ms)
Discharge
current
capacity
(8/20µs)
Rated
power
PMAX
(W)
(A)
IMAX
WMAX
(J)
VDC
(V)
VRMS
@1kHz
IP
VC
VN
(±%)
VN
(V)
(V)
(V)
(A)
(PF)
(V)
Varistor
Voltage
Rating value T=+85 ºC
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thermal Fuse & MOV (TFMOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@25℃ Unless Otherwise Specified )
3/5
TMOV20D Series
20D101KTA
20D121KTA
20D151KTA
20D181KTA
20D201KTA
20D221KTA
20D241KTA
20D271KTA
20D301KTA
20D331KTA
20D361KTA
20D391KTA
20D431KTA
20D471KTA
20D511KTA
20D561KTA
20D621KTA
20D681KTA
20D751KTA
20D781KTA
20D821KTA
20D911KTA
20D951KTA
20D102KTA
20D112KTA
20D101KTB
20D121KTB
20D151KTB
20D181KTB
20D201KTB
20D221KTB
20D241KTB
20D271KTB
20D301KTB
20D331KTB
20D361KTB
20D391KTB
20D431KTB
20D471KTB
20D511KTB
20D561KTB
20D621KTB
20D681KTB
20D751KTB
20D781KTB
20D821KTB
20D911KTB
20D951KTB
20D102KTB
20D112KTB
100
120
150
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
780
820
910
950
1000
1100
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
165
200
250
300
340
360
395
455
500
550
595
650
710
775
845
915
1025
1120
1240
1290
1355
1500
1600
1650
1815
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
8000
5500
4200
2500
2300
2200
2200
2100
1800
1750
1700
1400
1350
1200
1050
850
570
550
530
530
530
480
480
480
400
60
75
95
115
130
140
150
175
195
210
230
250
275
300
320
350
385
420
460
485
510
550
580
625
680
81
100
125
150
170
180
200
225
250
275
300
320
350
385
410
480
505
560
615
640
670
745
750
825
895
50
60
75
84
100
110
120
135
148
160
180
195
215
250
273
273
273
273
300
315
325
360
365
400
440
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0


Similar Part No. - TMOV20D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115E LITTELFUSE-TMOV20R115E Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115M LITTELFUSE-TMOV20R115M Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R115M LITTELFUSE-TMOV20R115M Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
TMOV20R130E LITTELFUSE-TMOV20R130E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
More results

Similar Description - TMOV20D

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
14D471KT UNSEMI-14D471KT Datasheet
540Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TFMOV15S UNSEMI-TFMOV15S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV32D UNSEMI-TMOV32D Datasheet
2Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
20D471KT UNSEMI-20D471KT Datasheet
494Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
14D391KT UNSEMI-14D391KT Datasheet
772Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV25D UNSEMI-TMOV25D Datasheet
2Mb / 5P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
   Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
   Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com