Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2240891021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2240891021
Description  KK Plus250 R-R 2ckt 150mm disc Sn
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2240891021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2240891021 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
B
A
C
L1
L2
REFER DETAIL A
1
1
2
2
NOTES
1. CABLE ASSEMBLY TO BE TESTED 100% FOR CONTINUITY AND POLARITY.
2. CONNECTOR VIEW SHOWN IS FROM MATING SIDE.
3.LABEL TEXT MUST BE 2 MM MAX. IN HEIGHT WITH ARIAL FONT.
4.LABEL MUST BE WRAPPED IN FLAG TYPE ON A SINGLE CABLE.
6
2
B
4
C
3
6
5
5
D
4
D
C
3
B
1
2
ITEM PART#
DESCRIPTION
QTY
UOM
A,B
2078410002 RECEPTACLE HOUSING FOR L1NK 250 - 1X2 Ck
2
PC
C
466261305
CRIMP TERMINAL FOR L1NK 250 - 22-24 AWG
4
PC
D
--
WHITE PART ID LABEL
1
PC
A
A
PART NUMBER
TITLE
L1
L2(REF)
2240891020
KK Plus250 R-R 2ckt 50mm disc Sn
50±5
15
2240891021
KK Plus250 R-R 2ckt 100mm disc Sn
100±5
15
2240891022
KK Plus250 R-R 2ckt 150mm disc Sn
150±5
15
2240891023
KK Plus250 R-R 2ckt 300mm disc Sn
300±5
15
2240891024
KK Plus250 R-R 2ckt 600mm disc Sn
600±5
15
FROM TO
DESCRIPTION
COLOUR
A1
B1 1X22AWG DISC PVC BK UL1569
BLACK
A2
B2 1X22AWG DISC PVC BK UL1569
BLACK
1
REVISION
DATE
REV
DESCRIPTION
CHANGER
02/22/2023
B
INITIAL RELEASE
THANUB
DETAIL A
MOLEX P/N
MOLEX
BATCH WK/YR
FORMAT: master-tb-prod-A4
REVISION: J1
DATE: 2021/05/01
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/23
11:04:41
DIVISIONAL
SYMBOLS
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
CURRENT REV DESC:
EC NO: 743463
DRWN: THANUB
2023/02/23
CHK'D:
SKUMAR07
2023/03/23
APPR: SKUMAR07
2023/03/23
INITIAL REVISION:
DRWN: PRATIK1
2023/02/14
APPR: SKUMAR07
2023/03/23
THIRD ANGLE PROJECTION
DRAWING
SERIES
A4-SIZE 224089
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SEE TABLE
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE DOC PART
REVISION
2240891020
PSD 000
B
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
1 OF 1
C


Similar Part No. - 2240891021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2240891030 MOLEX-2240891030 Datasheet
100Kb / 1P
KK Plus250 R-R 3ckt 150mm disc Sn
2023/03/23
2240891031 MOLEX-2240891031 Datasheet
100Kb / 1P
KK Plus250 R-R 3ckt 150mm disc Sn
2023/03/23
2240891032 MOLEX-2240891032 Datasheet
100Kb / 1P
KK Plus250 R-R 3ckt 150mm disc Sn
2023/03/23
2240891033 MOLEX-2240891033 Datasheet
100Kb / 1P
KK Plus250 R-R 3ckt 150mm disc Sn
2023/03/23
2240891034 MOLEX-2240891034 Datasheet
100Kb / 1P
KK Plus250 R-R 3ckt 150mm disc Sn
2023/03/23
More results

Similar Description - 2240891021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2240901022 MOLEX-2240901022 Datasheet
100Kb / 1P
KK Plus250 R-S 2ckt 150mm disc Sn
2023/03/23
2240891062 MOLEX-2240891062 Datasheet
101Kb / 1P
KK Plus250 R-R 6ckt 150mm disc Sn
2023/03/23
2240901052 MOLEX-2240901052 Datasheet
101Kb / 1P
KK Plus250 R-R 5ckt 150mm disc Sn
2023/03/23
2240891042 MOLEX-2240891042 Datasheet
100Kb / 1P
KK Plus250 R-R 4ckt 150mm disc Sn
2023/03/23
2240891052 MOLEX-2240891052 Datasheet
101Kb / 1P
KK Plus250 R-R 5ckt 150mm disc Sn
2023/03/23
2240891082 MOLEX-2240891082 Datasheet
101Kb / 1P
KK Plus250 R-R 8ckt 150mm disc Sn
2023/03/23
2240891032 MOLEX-2240891032 Datasheet
100Kb / 1P
KK Plus250 R-R 3ckt 150mm disc Sn
2023/03/23
2196641022 MOLEX-2196641022 Datasheet
255Kb / 1P
KK 3.96 R-R 2ckt 150mm disc Sn
2022/01/19
2240901042 MOLEX-2240901042 Datasheet
101Kb / 1P
KK Plus250 R-S 4ckt 150mm disc Sn
2023/03/23
2240901062 MOLEX-2240901062 Datasheet
101Kb / 1P
KK Plus250 R-S 6ckt 150mm disc Sn
2023/03/23
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com