Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14D471KT Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # 14D471KT
Description  Thermal Fuse & MOV (TFMOV)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

14D471KT Datasheet(HTML) 1 Page - UN Semiconducctor INC

  14D471KT Datasheet HTML 1Page - UN Semiconducctor INC 14D471KT Datasheet HTML 2Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
1 / 2
@ UN Semiconductor Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Symbol
Parameter
Value
Units
TF
Fuse temperature
146
ºC
TO
Operating temperature
-40 to +85
ºC
TS
Storage Temperature Range
-40 to +100
ºC
TL
Hand soldered temperature / Time
265/3
ºc/s
Part
Number
Maximum
Continuous
Operating
Voltage
Varistor
Voltage
@1mA dc
Clamping
Voltage
(Max)
Maximum
Peak Current
(8/20μs)
Leakage current
Maximum
Energy
(Joule)
Typical
Capacitance
(Reference)
AC
r.m.s
DC
Min
Max
V C
I P
I max
IR@ (75% of V1mA
(DC))
10/1000
μ
s
@1kHz
( V )
( V )
( V )
(A )
( A )
(uA)
( J )
( pF )
14D471KT
300
385
423
517
775
50
6000
10
136
550
UN Thermal Fuse & MOV (TFMOV) is a new patented product
in the field of surge protection. TFMOV is a fail-safe
device,which integrated a disk varistor and a Thermal Fuse in
a single package. The Thermal Fuse is designed to
disconnect the MOV from the circuit, in case of MOV's failure.
Because the MOV might thermally run away due to the
increasing leakage current, or burn and burst in the event of a
short-circuit fault.


Similar Part No. - 14D471KT

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
14D471KTA UNSEMI-14D471KTA Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
14D471KTB UNSEMI-14D471KTB Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results

Similar Description - 14D471KT

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
TFMOV15S UNSEMI-TFMOV15S Datasheet
2Mb / 4P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV32D UNSEMI-TMOV32D Datasheet
2Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
20D471KT UNSEMI-20D471KT Datasheet
494Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
14D391KT UNSEMI-14D391KT Datasheet
772Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV25D UNSEMI-TMOV25D Datasheet
2Mb / 5P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
TMOV20D UNSEMI-TMOV20D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
TMOV34S UNSEMI-TMOV34S Datasheet
2Mb / 4P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
TMOV14D UNSEMI-TMOV14D Datasheet
3Mb / 6P
Thermal Fuse & MOV (TFMOV)
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com