Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-S3A140-002K Datasheet(PDF) 3 Page - EHAOAN.

Part # EH-S3A140-002K
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-S3A140-002K Datasheet(HTML) 3 Page - EHAOAN.

  EH-S3A140-002K Datasheet HTML 1Page - EHAOAN. EH-S3A140-002K Datasheet HTML 2Page - EHAOAN. EH-S3A140-002K Datasheet HTML 3Page - EHAOAN. EH-S3A140-002K Datasheet HTML 4Page - EHAOAN. EH-S3A140-002K Datasheet HTML 5Page - EHAOAN. EH-S3A140-002K Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
MAX.
Unit
LED Junction Temperature
Tj
150
Power Dissipation
PD
2800
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
IFP
1000
mA
Continuous Forward Current
IF
700
mA
Reverse Voltage
VR
5
V
Electrostatic Discharge Threshold (ESD)
ESD
2000
V
Operating Temperature Range
Topr
-30to +70
Storage Temperature Range
Tspr
-40 to +100
Lead Soldering Temperature
Tsol
Hand Soldering: 350℃ for 8 sec.
DATA SHEET
Lighting LED
EH-S3A140-002K
Notes:
1. Specifications are subject to change without notice.
2. The data on this specification is for reference only and the actual data is in accordance with the
acknowledgment.
3. Precautions for ESD:
STATIC SHIELD Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be properly
grounded.
3
EHAOAN Electronics Co., Ltd.


Similar Part No. - EH-S3A140-002K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-S108IRC EHAOAN-EH-S108IRC Datasheet
1Mb / 7P
Compliance Halogen Free(Br < 900ppm, Cl < 900ppm, BrCl < 1500ppm)
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
EH-S110IR-A3 EHAOAN-EH-S110IR-A3 Datasheet
954Kb / 7P
Appearance size/Package (L/W/H): 3.2*1.5*1.0mm
EH-S110KFKT EHAOAN-EH-S110KFKT Datasheet
2Mb / 9P
Appearance size/Package (L/W/H): 3.2 x 1.5 x 1.0mm
EH-S110KGKT EHAOAN-EH-S110KGKT Datasheet
1Mb / 9P
Appearance size/Package (L/W/H): 3.2 x 1.5 x 1.0mm
More results

Similar Description - EH-S3A140-002K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com