Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-S3A140-002K Datasheet(PDF) 4 Page - EHAOAN.

Part # EH-S3A140-002K
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-S3A140-002K Datasheet(HTML) 4 Page - EHAOAN.

  EH-S3A140-002K Datasheet HTML 1Page - EHAOAN. EH-S3A140-002K Datasheet HTML 2Page - EHAOAN. EH-S3A140-002K Datasheet HTML 3Page - EHAOAN. EH-S3A140-002K Datasheet HTML 4Page - EHAOAN. EH-S3A140-002K Datasheet HTML 5Page - EHAOAN. EH-S3A140-002K Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Parameter
Symbol
Values
Units
Min.
Typ.
Max.
Luminous Flux
φV
205
265
lm
Viewing Angle at 50﹪IV
2
θ1/2
140
Deg
Forward Voltage
Vf
3.2
3.6
4.0
V
Correlated Colour Temperature
CCT
2850
3000
3500
K
Reverse Current
IR
10
µA
Thermal Resistance Junction to Case
R
θJ-C
10
K/C
Temperature Coefficient of Forward Voltage
V△F/T
-2
mV/℃
Color Rendering Index
Ra
Characteristics at If=700mA ,Vr=5V (Ta=25°C):
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2.
θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity
3. The dominant wavelength (
λd) is derived from the CIE chromaticity diagram and represents the single
wavelength which defines the color of the device.
4. Flux is measured with an accuracy of ±15%.
5. Forward voltage is measured with an accuracy of ±0.15V.
DATA SHEET
Lighting LED
EH-S3A140-002K
4
EHAOAN Electronics Co., Ltd.


Similar Part No. - EH-S3A140-002K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-S108IRC EHAOAN-EH-S108IRC Datasheet
1Mb / 7P
   Compliance Halogen Free(Br < 900ppm, Cl < 900ppm, BrCl < 1500ppm)
EH-S110DS5 EHAOAN-EH-S110DS5 Datasheet
1Mb / 11P
   Dimension( L/W/H) :3.2 x 1.0 x 1.5 mm
EH-S110IR-A3 EHAOAN-EH-S110IR-A3 Datasheet
954Kb / 7P
   Appearance size/Package (L/W/H): 3.2*1.5*1.0mm
EH-S110KFKT EHAOAN-EH-S110KFKT Datasheet
2Mb / 9P
   Appearance size/Package (L/W/H): 3.2 x 1.5 x 1.0mm
EH-S110KGKT EHAOAN-EH-S110KGKT Datasheet
1Mb / 9P
   Appearance size/Package (L/W/H): 3.2 x 1.5 x 1.0mm
More results

Similar Description - EH-S3A140-002K

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com