Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535W3FC120-OGVEZD34 Datasheet(PDF) 4 Page - EHAOAN.

Part # EH-3535W3FC120-OGVEZD34
Description  Excellent Transiting Heat from LED Chip Operating under 700mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535W3FC120-OGVEZD34 Datasheet(HTML) 4 Page - EHAOAN.

  EH-3535W3FC120-OGVEZD34 Datasheet HTML 1Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 2Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 3Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 4Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 5Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 6Page - EHAOAN. EH-3535W3FC120-OGVEZD34 Datasheet HTML 7Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that
approximates the CIE eye-response curve.
2.θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous
intensity
3. The dominant wavelength (λd) is derived from the CIE chromaticity diagram and
represents the single wavelength which defines the color of the device.
4. Flux is measured with an accuracy of ±15%.
5. Forward voltage is measured with an accuracy of ±0.15V.
DATA SHEET
HIGH POWER
EH-3535W3FC120-OGVEZD34-A03A
4
EHAOAN Electronics Co., Ltd.
Dev.2013070408


Similar Part No. - EH-3535W3FC120-OGVEZD34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535W3FC120-OGVCND34 EHAOAN-EH-3535W3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 1000 mA.
More results

Similar Description - EH-3535W3FC120-OGVEZD34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-S3A140-002K EHAOAN-EH-S3A140-002K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com