Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535B3FC120-OGVCND34 Datasheet(PDF) 5 Page - EHAOAN.

Part # EH-3535B3FC120-OGVCND34
Description  Excellent Transiting Heat from LED Chip Operating under 1000mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535B3FC120-OGVCND34 Datasheet(HTML) 5 Page - EHAOAN.

  EH-3535B3FC120-OGVCND34 Datasheet HTML 1Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 2Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 3Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 4Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 5Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRECAUTION IN USE
Storage
Recommended storage environment
Temperature: 5℃ ~ 30℃ (41oF ~ 86oF)
Humidity: 60% RH Max.
Soldering
Use the conditions shown to the under figure.
t
t
L
P
t 25℃ to Peak
Time
ts Preheat
TSmin
TSmax
Ramp-UP
Critical Zone
T to TP
L
Ramp-down
T
T
P
L
25
Profile Feature
Lead-Based
Solder
Lead-Free Solder
Average Ramp-Up Rate (Tsmax to Tp)
3℃/second max. 3℃/second max.
Preheat: Temperature Min (Tsmin)
100℃
150℃
Preheat: Temperature Max (Tsmax)
150℃
200℃
Preheat: Time (Tsmin to Tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (TL)
183℃
217℃
Time Maintained Above: Time (TL)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (TP)
215℃
260℃
Time Within 5℃ of Actual Peak Temperature (TP)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6℃/second max. 6℃/second max.
Time 25℃ to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body
surface.
DATA SHEET
HIGH POWER
EH-3535B3FC120-OGVCND34-03E
5
EHAOAN Electronics Co., Ltd.
Dev.2013070408


Similar Part No. - EH-3535B3FC120-OGVCND34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-B120 EHAOAN-EH-3535A850-B120 Datasheet
3Mb / 9P
High radiation intensity
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
High output power at 850nm
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
Black EMC package
EH-3535A850-C60 EHAOAN-EH-3535A850-C60 Datasheet
3Mb / 9P
Black EMC package
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
High radiation intensity
More results

Similar Description - EH-3535B3FC120-OGVCND34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535Y3FC120-OGVCND34 EHAOAN-EH-3535Y3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
Excellent transiting heat from LED chip operating under 350mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com