Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535B3FC120-OGVCND34 Datasheet(PDF) 4 Page - EHAOAN.

Part # EH-3535B3FC120-OGVCND34
Description  Excellent Transiting Heat from LED Chip Operating under 1000mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535B3FC120-OGVCND34 Datasheet(HTML) 4 Page - EHAOAN.

  EH-3535B3FC120-OGVCND34 Datasheet HTML 1Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 2Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 3Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 4Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 5Page - EHAOAN. EH-3535B3FC120-OGVCND34 Datasheet HTML 6Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ambient TemperatureVS.Forward Current
Temperature( C)
0
30
60
90
120
150
Rθ =60℃/W
Rθ =50℃/W
Rθ =40℃/W
Rθ =30℃/W
J-A
J-A
J-A
J-A
100
200
300
400
500
Forward Current VS.Luminous fiux
Forward Current(mA)
5
10
15
20
25
0
50
100
150
200
250
300
350
400
Forward Current VS.Forward Voltage
Forward Voltage Vf(V)
100
200
300
400
500
2.6
2.8
3.0
3.2
3.4
3.6
Typical Electrical / Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
0.0
0.2
0.4
0.6
0.8
1.0
380 400 420 440 460 480 500 520 540 560 580 600 620 640 660 680 700 720 740 760 780
Spectral Radiance (Peak457.5@nm)
Wave Length(nm)
-60°
0.8
-90°
1.0
0.6
0.4
-30°
60°
0.6
0.2
0.2
0.4
0.8
1.0
90°
30°
Beam Patter
Relativeintensitv(LOP@ MAX=1)
DATA SHEET
HIGH POWER
EH-3535B3FC120-OGVCND34-03E
4
EHAOAN Electronics Co., Ltd.
Dev.2013070408


Similar Part No. - EH-3535B3FC120-OGVCND34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-B120 EHAOAN-EH-3535A850-B120 Datasheet
3Mb / 9P
   High radiation intensity
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
EH-3535A850-C60 EHAOAN-EH-3535A850-C60 Datasheet
3Mb / 9P
   Black EMC package
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
   High radiation intensity
More results

Similar Description - EH-3535B3FC120-OGVCND34

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535P3FC120-OGHCNA72 EHAOAN-EH-3535P3FC120-OGHCNA72 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535Y3FC120-OGVCND34 EHAOAN-EH-3535Y3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-G3A140-010G EHAOAN-EH-G3A140-010G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com