Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-D120 Datasheet(PDF) 8 Page - EHAOAN.

Part # EH-3535A850-D120
Description  High radiation intensity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535A850-D120 Datasheet(HTML) 8 Page - EHAOAN.

  EH-3535A850-D120 Datasheet HTML 1Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 2Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 3Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 4Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 5Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 6Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 7Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 8Page - EHAOAN. EH-3535A850-D120 Datasheet HTML 9Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
EHAOAN Electronics Co., Ltd.
■ 处理防护措施 Treatment & Protection measures:
焊接 Soldering(包括手动和回流焊 including manual operation & re-flow soldering)
人手焊接时,烙铁的温度必须保持在 300℃以下,且每个电极只能进行一次焊接,每次焊接的持续时
间不能超过 3 秒。因 LED 尺寸较小,采用手工焊接较难管控焊接温度及加锡时间的一致性,且易破坏灯体
结构,严重时可能造成 LED 失效,请尽量使用回流焊机台作业。
The temperature of soldering iron must keep under 300℃ during hand soldering. Each electrode can only be
soldered one time and the duration could not be over 3sec. It is very hard to control the soldering temperature
and make tin time uniformly via manual operation due to LED small size. In addition, it is easy to damage LED
structure even caused LED losing efficacy. Therefore, using re-flow soldering machine for operation is better.
存储 Storage
本产品使用密封防潮抗静电铝箔袋包封并附有干燥剂。搬运过程中应尽量避免挤压,刺破包装袋的情
况发生。同时为避免产品受潮引发可靠性失效的问题,需做好 LED 产品焊接前的储存与防潮措施。
开封前,LED 产品在温度不高于 30℃,湿度不高于 60%RH 的环境中保存时间为 90 天。
开封后,LED 产品必须在温度不高于 30℃,湿度不高于 60%RH 的环境中,且在 24 小时内使用完。
开启后如发现湿度卡超过 10% 需低温除湿处理 75°C/12h。
Our products packed by aluminum foil bag attaching dryer that can be sealed, moisture-proof and
anti-static electricity. Please try to avoid pressing or puncturing bag during carrying. At the same time, please be
ready for storage and moisture-proof measures before soldering to be keep LED away from dampness that may
cause reliability losing efficacy.
Before opening, The storage time of LED products is 90 days in the environment of temperature not
higher than 30℃ and humidity not higher than 60% RH.
After opening, LED products must be used up within 24 hours in an environment where the temperature is
not higher than 30℃ and the humidity is not higher than 60% RH. If it is found that the humidity card exceeds
10% after opening, it needs low temperature dehumidification treatment at 75℃/12h.
DATA SHEET
High Power(1. W)
EH-3535A850-D120
9


Similar Part No. - EH-3535A850-D120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
   High output power at 850nm
More results

Similar Description - EH-3535A850-D120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2835S940-1445 EHAOAN-EH-2835S940-1445 Datasheet
2Mb / 9P
   High radiation intensity
EH-3030S850-C120 EHAOAN-EH-3030S850-C120 Datasheet
3Mb / 9P
   High radiation intensity
EH-3030S850-24120 EHAOAN-EH-3030S850-24120 Datasheet
3Mb / 9P
   High radiation intensity
EH-2835S850-1460 EHAOAN-EH-2835S850-1460 Datasheet
2Mb / 9P
   High radiation intensity
EH-3535A850-B120 EHAOAN-EH-3535A850-B120 Datasheet
3Mb / 9P
   High radiation intensity
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com