Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-C60 Datasheet(PDF) 1 Page - EHAOAN.

Part # EH-3535A850-C60
Description  Black EMC package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535A850-C60 Datasheet(HTML) 1 Page - EHAOAN.

  EH-3535A850-C60 Datasheet HTML 1Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 2Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 3Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 4Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 5Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 6Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 7Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 8Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 9Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
High Power(1.8W)
EH-3535A850-C60
1
EHAOAN Electronics Co., Ltd.
EH-3535A850-C60
Feature
·Black EMC package
·High radiation intensity
·Suitable for SMT assembly
·High output power at 850nm
Applications
·Infrared illumination for CCTV
·Infrared date transmission
·Infrared illumination for night
Device Selection Guide
Type
Product
Size
Manufacturer
High Power IR LED
EH-3535A850-C60
3.45*3.45 *2.85mm
EHAOAN


Similar Part No. - EH-3535A850-C60

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
More results

Similar Description - EH-3535A850-C60

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030S850-18120 EHAOAN-EH-3030S850-18120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030A850-A60 EHAOAN-EH-3030A850-A60 Datasheet
2Mb / 9P
   Black EMC package
EH-3030A850-B120 EHAOAN-EH-3030A850-B120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030S850-B120 EHAOAN-EH-3030S850-B120 Datasheet
3Mb / 9P
   Black EMC package
logo
MORNSUN Science& Techno...
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
   EMC
logo
TDK Electronics
HF70ACB TDK-HF70ACB Datasheet
39Kb / 2P
   EMC Components
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com