Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-C60 Datasheet(PDF) 9 Page - EHAOAN.

Part # EH-3535A850-C60
Description  Black EMC package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535A850-C60 Datasheet(HTML) 9 Page - EHAOAN.

  EH-3535A850-C60 Datasheet HTML 1Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 2Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 3Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 4Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 5Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 6Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 7Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 8Page - EHAOAN. EH-3535A850-C60 Datasheet HTML 9Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
EHAOAN Electronics Co., Ltd.
静电防护 Electrostatic protection
静电和电涌会导致产品特性发生改变,例如正向电压降低等,情况严重甚至会损毁产品。所以对于整
个工序(生产,测试,包装等)与 LED 直接接触的员工都要做好防止和消除静电的措施。
所有相关的设备和机器都应该正确接地。接地交流电阻小于 1.0 欧姆,工作台上需垫表面电阻
106-109 欧姆的桌垫。
在容易产生静电的环境和设备上,还必须安装离子风扇。作业过程中,操作员需使用防静电手环,防
静电垫子,防静电工作服,工作鞋,手套,防静电容器等。
Static and surge will change product property, such as lower forward voltage and damage products.
Therefore, the workers in direct contact with LED in production processes must take some treatment to prevent
and eliminate static electricity.
All related equipment and machine should be grounded correctly. Grounded AC resistance should less
than 1.0Ω and the working table need to be applied the mat with surface resistance 106-109Ω.
It must to fix ion fan for the environment that easy to generate static electricity and also on the equipment.
During operation, workers need to use anti-static wrist strap, anti-static mat, anti-static clothing, anti-static shoes,
anti-static gloves, anti-static container and etc.
其他事项 Others
LED 产品的树脂封装部分相当脆弱,请勿用坚硬,尖锐的物体刮擦封装树脂部分。用镊子夹取 LED
时也要十分小心。请勿直接用手去直接拿去 LED 产品。直接用手去拿取 LED 产品不但会污染 LED 封装树
脂表面,也可能由于静电等因素导致 LED 产品性能的改变。请勿对 LED 产品施加过度压力,特别当 LED
处于高温状态小(例如在回流焊焊接过程中),过度的压力可能直接影响封装内部的芯片及金线。LED 工
作环境及 LED 适配的材料中硫元素及化合物成分不可超过 100PPM。不可将模组材料堆积在一起,它可
能会损坏内部电路。不可用在 PH<7 的酸性场所。The resin package part of LED product is quite fragile. Thus,
not to scrap this part by used hard or sharp objects. Please not to take LED products directly by hand. Otherwise,
it will not only contaminate LED package resin surface, but also may change LED performance due to static
electricity or other factors. Do not apply excessive pressure on LED products when LED is in a state of high
temperature, such as during re-flow soldering. Excessive pressure may impact the inner chip and gold thread
directly. In LED working environment and compound composition of the LED, the sulfur element not be more
than 100PPM. Do not pile up the module material and it may damage inner circuit. Do not apply on acid sites that
PH<7.
DATA SHEET
High Power(1.8W)
EH-3535A850-C60


Similar Part No. - EH-3535A850-C60

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
More results

Similar Description - EH-3535A850-C60

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-C120 EHAOAN-EH-3535A850-C120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030S850-18120 EHAOAN-EH-3030S850-18120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030A850-A60 EHAOAN-EH-3030A850-A60 Datasheet
2Mb / 9P
   Black EMC package
EH-3030A850-B120 EHAOAN-EH-3030A850-B120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030S850-B120 EHAOAN-EH-3030S850-B120 Datasheet
3Mb / 9P
   Black EMC package
logo
MORNSUN Science& Techno...
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
   EMC
logo
TDK Electronics
HF70ACB TDK-HF70ACB Datasheet
39Kb / 2P
   EMC Components
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com