Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-C120 Datasheet(PDF) 6 Page - EHAOAN.

Part # EH-3535A850-C120
Description  Black EMC package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535A850-C120 Datasheet(HTML) 6 Page - EHAOAN.

  EH-3535A850-C120 Datasheet HTML 1Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 2Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 3Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 4Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 5Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 6Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 7Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 8Page - EHAOAN. EH-3535A850-C120 Datasheet HTML 9Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
EHAOAN Electronics Co., Ltd.
Packaging Specifications/包裝規格
Dimensions of Tape /載帶尺寸(Unit: mm)
Dimensions of Reel /捲軸尺寸(Unit: mm)
备注:每卷数量
1000PCS
Notes:1000 pcs/ reel
TIEM
W
A0
B0
K0
E
F
D0
D1
P0
P1
P2
T
DIM
12.00
3.95
3.95
3.05
1.75
5.50
1.50
1.60
4.00
2.00
8.00
0.30
TOLE ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.03
P0
P1
P2
D0
ITEM
W
A0
B0
K0
E
F
D0
D1
P0
P1
T
P2
DIM
TOLE
12.00
3.95
3.95
3.05
1.75
5.50
1.60
1.60
4.00
2.00
8.00
0.30
±0.10
Anode(+)
Cathode(-)
±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.10 ±0.03
T
K0
A0
DATA SHEET
High Power(1.8W)
EH-3535A850-C120


Similar Part No. - EH-3535A850-C120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-C60 EHAOAN-EH-3535A850-C60 Datasheet
3Mb / 9P
   Black EMC package
More results

Similar Description - EH-3535A850-C120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-C60 EHAOAN-EH-3535A850-C60 Datasheet
3Mb / 9P
   Black EMC package
EH-3030S850-18120 EHAOAN-EH-3030S850-18120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030A850-A60 EHAOAN-EH-3030A850-A60 Datasheet
2Mb / 9P
   Black EMC package
EH-3030A850-B120 EHAOAN-EH-3030A850-B120 Datasheet
3Mb / 9P
   Black EMC package
EH-3030S850-B120 EHAOAN-EH-3030S850-B120 Datasheet
3Mb / 9P
   Black EMC package
logo
MORNSUN Science& Techno...
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
   EMC
logo
TDK Electronics
HF70ACB TDK-HF70ACB Datasheet
39Kb / 2P
   EMC Components
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com