Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-B120 Datasheet(PDF) 3 Page - EHAOAN.

Part # EH-3535A850-B120
Description  High radiation intensity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535A850-B120 Datasheet(HTML) 3 Page - EHAOAN.

  EH-3535A850-B120 Datasheet HTML 1Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 2Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 3Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 4Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 5Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 6Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 7Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 8Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 9Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATA SHEET
High Power(1.4W)
EH-3535A850-B120
3
EHAOAN Electronics Co., Ltd.
Absolute Maximum Ratings /最大限度參數值(Ta=25°C)
參數名稱
Parameter
符號
Symbol
最大额定值
Rating
單位
Unit
正向電流
Forward Current
IF
≤700
mA
反向電壓
Reverse voltage
VR
5
V
耗散功率
Power Dissipation
Pd
1.4
W
工作溫度
Operating Temperature
Tsop
-30~+85
存儲溫度
Storage Temperature
Tstg
-40~+100
回流焊溫度
Circle solder Temperature
Tsol
245℃ for 5sec
Opto-Electronical Specification/主要光電參數
參數名稱
Parameter
符號
Symbol
最小值
Min.
標準值
Typ.
最大值
Max.
單位
Units
測試條件
Conditions
辐射通量
Radiant flux
Po
160
----
220
mW
IF=350mA
視角
View Angle
2θ1/2
----
120
----
deg
IF=350mA
波長
Wavelength
λp
840
850
870
nm
IF=350mA
半波宽
Half wave width
Δ
λ
----
35
----
nm
IF=350mA
正向電壓
Forward Voltage
VF
----
1.6
1.8
V
IF=350mA
反向電流
Reverse current
IR
----
----
10
μA
VR=5V


Similar Part No. - EH-3535A850-B120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
High output power at 850nm
More results

Similar Description - EH-3535A850-B120

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
High Intensity.
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
High Intensity
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
High intensity
logo
EHAOAN.
EH-2835S850-1460 EHAOAN-EH-2835S850-1460 Datasheet
2Mb / 9P
High radiation intensity
EH-2835S940-1445 EHAOAN-EH-2835S940-1445 Datasheet
2Mb / 9P
High radiation intensity
EH-3030S850-24120 EHAOAN-EH-3030S850-24120 Datasheet
3Mb / 9P
High radiation intensity
EH-3030S850-C120 EHAOAN-EH-3030S850-C120 Datasheet
3Mb / 9P
High radiation intensity
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
High radiation intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com