Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-3535A850-B120 Datasheet(PDF) 1 Page - EHAOAN.

Part # EH-3535A850-B120
Description  High radiation intensity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-3535A850-B120 Datasheet(HTML) 1 Page - EHAOAN.

  EH-3535A850-B120 Datasheet HTML 1Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 2Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 3Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 4Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 5Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 6Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 7Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 8Page - EHAOAN. EH-3535A850-B120 Datasheet HTML 9Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
High Power(1.4W)
EH-3535A850-B120
1
EHAOAN Electronics Co., Ltd.
EH-3535A850-B120
Feature
·Black EMC package
·High radiation intensity
·Suitable for SMT assembly
·High output power at 850nm
Applications
·Infrared illumination for CCTV
·Infrared date transmission
·Infrared illumination for night
Device Selection Guide
Type
Product
Size
Manufacturer
High Power IR LED
EH-3535A850-B120
3.45*3.45 *1.95mm
EHAOAN


Similar Part No. - EH-3535A850-B120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
More results

Similar Description - EH-3535A850-B120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2835S940-1445 EHAOAN-EH-2835S940-1445 Datasheet
2Mb / 9P
   High radiation intensity
EH-3030S850-C120 EHAOAN-EH-3030S850-C120 Datasheet
3Mb / 9P
   High radiation intensity
EH-3535A850-D120 EHAOAN-EH-3535A850-D120 Datasheet
3Mb / 9P
   High radiation intensity
EH-3030S850-24120 EHAOAN-EH-3030S850-24120 Datasheet
3Mb / 9P
   High radiation intensity
EH-2835S850-1460 EHAOAN-EH-2835S850-1460 Datasheet
2Mb / 9P
   High radiation intensity
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com