Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-2525B2C-F120 Datasheet(PDF) 3 Page - EHAOAN.

Part # EH-2525B2C-F120
Description  Excellent transiting heat from LED chip operating under 700 mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-2525B2C-F120 Datasheet(HTML) 3 Page - EHAOAN.

  EH-2525B2C-F120 Datasheet HTML 1Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 2Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 3Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 4Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 5Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 6Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 7Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 8Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Notes:
1.Specifications are subject to change without notice.
2.The data on this specification is for reference only and the actual data is in accordance with the
acknowledgment.
3.Precautions for ESD:
STATIC SHIELD Electricity and surge damages the LED. It is recommended to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be properly
grounded.
Parameter
Symbol
Ratings
Unit
Forward Current
IF
700
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
2520
mW
Junction Temperature
Tj
150
Electrostatic Discharge Threshold (ESD)
ESD
ESD sensitive device
V
Storage Temperature
Tstg
-40~+70
Operation Temperature
Topr
-30~+100
EH-2525B2C-F120
DATA SHEET
High Power
Absolute Maximum Ratings(Ta=25°)
EHAOAN Electronics Co., Ltd.
3


Similar Part No. - EH-2525B2C-F120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525R2C-F120 EHAOAN-EH-2525R2C-F120 Datasheet
3Mb / 8P
   Excellent transiting heat from LED chip operating under 700 mA.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
   Instant light(less than 100ns)
More results

Similar Description - EH-2525B2C-F120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525R2C-F120 EHAOAN-EH-2525R2C-F120 Datasheet
3Mb / 8P
   Excellent transiting heat from LED chip operating under 700 mA.
EH-3535W3FC120-OGVCND34 EHAOAN-EH-3535W3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 1000 mA.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com