Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-2525B2C-F120 Datasheet(PDF) 1 Page - EHAOAN.

Part # EH-2525B2C-F120
Description  Excellent transiting heat from LED chip operating under 700 mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-2525B2C-F120 Datasheet(HTML) 1 Page - EHAOAN.

  EH-2525B2C-F120 Datasheet HTML 1Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 2Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 3Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 4Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 5Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 6Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 7Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 8Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EHAOAN Electronics Co., Ltd.
1
Features
Application range
Device Selection Guide
Chip Materials
Emitted Color
Resin Color
Manufacturer
Update
Water
EHAOAN
2015.08.17
GaN
EH-2525B2C-F120
EH-2525B2C-F120
DATA SHEET
High Power
Excellent transiting heat from LED chip operating under 700 mA.
High luminous output.
No UV.
Encapsulated materials are environmentally certified and meet environmental requirements.
Auxiliary lighting
Architectural lighting
General Lighting
Clean
Blue


Similar Part No. - EH-2525B2C-F120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525R2C-F120 EHAOAN-EH-2525R2C-F120 Datasheet
3Mb / 8P
   Excellent transiting heat from LED chip operating under 700 mA.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
   Instant light(less than 100ns)
More results

Similar Description - EH-2525B2C-F120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525R2C-F120 EHAOAN-EH-2525R2C-F120 Datasheet
3Mb / 8P
   Excellent transiting heat from LED chip operating under 700 mA.
EH-3535W3FC120-OGVCND34 EHAOAN-EH-3535W3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 1000 mA.
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent transiting heat from LED chip operating under 350mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
   Excellent Transiting Heat from LED Chip Operating under 1000mA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com