Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EH-2525B2C-F120 Datasheet(PDF) 4 Page - EHAOAN.

Part # EH-2525B2C-F120
Description  Excellent transiting heat from LED chip operating under 700 mA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EHAOAN [EHAOAN.]
Direct Link  http://www.ehaoan.com/
Logo EHAOAN - EHAOAN.

EH-2525B2C-F120 Datasheet(HTML) 4 Page - EHAOAN.

  EH-2525B2C-F120 Datasheet HTML 1Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 2Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 3Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 4Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 5Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 6Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 7Page - EHAOAN. EH-2525B2C-F120 Datasheet HTML 8Page - EHAOAN.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Notes:
1.Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2.θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3.Luminous flux measurement tolerance:±15%.
4.Forward voltage measurement tolerance:±0.15V.
Parameter
Symbol Condition
Min.
Typ.
Max.
Units
Luminous Flux
φv
If=350mA
16
25
lm
Dominant Wavelength
λd
455
460
465
nm
Peak-emission Wavelength
λp
448
452
455
Spectral Line Half-Width
λ
15
20
25
nm
Forward Voltage
Vf
3.1
3.3
3.6
V
Viewing Angle at 50﹪IV
2θ1/2
120
Deg
Reverse Current
IR
VR=-5V
2
µA
Thermal Resistance Junction
to Case
RθJ-C
If=350mA
25.2
K/W
Temperature Coefficient of
Voltage
V△F/T
-2
mV/℃
EH-2525B2C-F120
DATA SHEET
High Power
Optical Characteristics(Ta=25°)
EHAOAN Electronics Co., Ltd.
4


Similar Part No. - EH-2525B2C-F120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525R2C-F120 EHAOAN-EH-2525R2C-F120 Datasheet
3Mb / 8P
Excellent transiting heat from LED chip operating under 700 mA.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
Instant light(less than 100ns)
More results

Similar Description - EH-2525B2C-F120

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-2525R2C-F120 EHAOAN-EH-2525R2C-F120 Datasheet
3Mb / 8P
Excellent transiting heat from LED chip operating under 700 mA.
EH-3535B3FC120-OGVCND34 EHAOAN-EH-3535B3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535G3FC120-OGVCND34 EHAOAN-EH-3535G3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 1000mA
EH-3535O3FC120-OGVCND34 EHAOAN-EH-3535O3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 350mA
EH-3535W3FC120-OGVCND34 EHAOAN-EH-3535W3FC120-OGVCND34 Datasheet
2Mb / 6P
Excellent transiting heat from LED chip operating under 1000 mA.
EH-3535W3FC120-OGVEZD34 EHAOAN-EH-3535W3FC120-OGVEZD34 Datasheet
1Mb / 7P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-3W3535RGB120-001J EHAOAN-EH-3W3535RGB120-001J Datasheet
2Mb / 7P
Excellent transiting heat from LED chip operating under 350mA
EH-B3A140-002G EHAOAN-EH-B3A140-002G Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-R3A140-005G EHAOAN-EH-R3A140-005G Datasheet
1Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
EH-W3A140-005K EHAOAN-EH-W3A140-005K Datasheet
2Mb / 6P
Excellent Transiting Heat from LED Chip Operating under 700mA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com